データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1845NV データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LA1845NV
部品情報  Single-Chip Home Stereo IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845NV データシート(HTML) 1 Page - Sanyo Semicon Device

  LA1845NV Datasheet HTML 1Page - Sanyo Semicon Device LA1845NV Datasheet HTML 2Page - Sanyo Semicon Device LA1845NV Datasheet HTML 3Page - Sanyo Semicon Device LA1845NV Datasheet HTML 4Page - Sanyo Semicon Device LA1845NV Datasheet HTML 5Page - Sanyo Semicon Device LA1845NV Datasheet HTML 6Page - Sanyo Semicon Device LA1845NV Datasheet HTML 7Page - Sanyo Semicon Device LA1845NV Datasheet HTML 8Page - Sanyo Semicon Device LA1845NV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
92706 / 91004 JO IM No.7931-1/10
LA1845NV
The LA1845NV is designed for use in mini systems and is a single-chip tuner IC that provides electronic tuning
functions using SD/IF-count technique. It incorporates a pilot canceler and an adjustment-free MUX VCO circuit,
thus allows additional parts to be reduced.
Functions
• AM : RF amplifier, mixer, oscillator, IF amplifier, detector, AGC, SD, oscillator buffer, IF buffer, stereo IF output,
AGC time constant switch
• FM IF : IF amplifier, quadrature detector, S-meter, SD (signal detection), S-curve detection, IF buffer output
• MPX : PLL stereo decoder, stereo display, forced monaural, VCO stop, audio muting, adjacent channel interference
rejection function, pilot canceler
Features
• Integrated MPX VCO (ceramic resonators are no longer required.)
• Built-in adjacent channel interference rejection function (114kHz, 190kHz)
• Supports both SD and IF-count techniques
• Both FM SD sensitivity and bandwidth can be set
• Pilot canceler built in.
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Power Supply Voltage
VCC max
6V
Allowable Power Consumption
Pd max
Ta = 80°C with board
114.3mm
×76.1mm×1.6mm material :
Glass epoxy resin
360
mW
Operating Temperature
Topr
-20 to +80
°C
Storage Temperature
Tstg
-40 to +125
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended Supply Voltage
VCC
5V
Operating Supply Voltage Range
VCC op
Ta = 80°C
4.3 to 5.5
V
Ordering number : ENN*7931
Monolithic Linear IC
Single-Chip Home Stereo IC
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


同様の部品番号 - LA1845NV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
More results

同様の説明 - LA1845NV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com