データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5693D データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LA5693D
部品情報  with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693D データシート(HTML) 6 Page - Sanyo Semicon Device

  LA5693D_08 Datasheet HTML 1Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 2Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 3Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 4Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 5Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 6Page - Sanyo Semicon Device LA5693D_08 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA5693D,5693M
No.2769-6/7
23
5
100
23
5
1k
23
10k
5
2 35
100k
--60
--40
--20
0
20
40
60
80
100
0123456
VRES -- VO
ILA01055
--40
0
200
100
500
600
--20
0
300
400
370
0
2
1
5
6
3
4
0
1
2
3
4
5
6
20
40
60
80
100
Ambient temperature, Ta --
°C
Pd max -- Ta
ILA01053
0123456789
10
11
12
Supply voltage, VCC -- V
VO -- VCC
ILA01054
Output voltage, VO --V
VO -- Ta
ILA01056
4.88
4.89
4.90
4.91
4.92
4.93
0
10
20
30
40
50
60
70
80
90
100
Frequency, f -- Hz
Rrej -- f
ILA01059
ILA01058
--60
--40
--20
0
20
40
60
80
100
3.8
4.0
3.4
3.6
4.6
4.4
4.2
5.4
5.2
5.0
4.8
ICC -- Ta
--60
--40
--20
0
20
40
60
80
100
0
10
20
30
40
50
60
ILA01060
LA5693D
LA5693M
Ta=25
°C
50mA
VCC=14V
IO=5mA
0123456789
10
11
12
120
0
20
40
60
800
100
ICC -- VCC
ILA01057
Ta=25
°C
IO=0
td
tWD
IO=50mA
300mA
Indeterminate operation
Supply voltage, VCC -- V
Ta=25
°C
IO=50mA
R1=11k
R2=3.9k
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
Ambient temperature, Ta --
°C
Ta=25
°C
8V
≤VCC≤18V
Co=100
µF
IO=50mA, 300mA
VCC=14V
IO=0
RB=390Ω
td, tWD -- Ta
VCC=14V
IO=50mA
Ct=1µF


同様の部品番号 - LA5693D_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
More results

同様の説明 - LA5693D_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com