データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY255P データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BY255P
部品情報  General Purpose Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY255P データシート(HTML) 1 Page - Vishay Siliconix

  BY255P Datasheet HTML 1Page - Vishay Siliconix BY255P Datasheet HTML 2Page - Vishay Siliconix BY255P Datasheet HTML 3Page - Vishay Siliconix BY255P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88838
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 04-Nov-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
General Purpose Plastic Rectifier
BY251P thru BY255P
Vishay General Semiconductor
FEATURES
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes application.
Note
• These devices are not AEC-Q101 qualified.
MECHANICAL DATA
Case:
DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
200 V to 1300 V
IFSM
150 A
IR
5.0 μA
VF
1.1 V
TJ max.
150 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BY251P
BY252P
BY253P
BY254P
BY255P
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1300
V
Maximum RMS voltage
VRMS
140
280
420
560
910
V
Maximum DC blocking voltage
VDC
200
400
600
800
1300
V
Maximum average forward rectified current
10 mm lead length
IF(AV)
3.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum full load reverse current, full cycle average
10 mm lead length
IR(AV)
100
μA
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BY251P
BY252P
BY253P
BY254P
BY255P
UNIT
Maximum instantaneous
forward voltage
3.0 A
VF
1.1
V
Maximum reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 V,
Irr = 0.25 A
trr
3.0
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
40
pF


同様の部品番号 - BY255P

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BY255P VISHAY-BY255P Datasheet
26Kb / 2P
   General Purpose Rectifiers
17-Dec-02
BY255P VISHAY-BY255P Datasheet
68Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
BY255P VISHAY-BY255P Datasheet
68Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
BY255P VISHAY-BY255P Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
01-Jan-2022
BY255P VISHAY-BY255P Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
01-Jan-2022
More results

同様の説明 - BY255P

メーカー部品番号データシート部品情報
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com