データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11600JV データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB11600JV
部品情報  Brushless Motor Predriver IC for Automotive Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11600JV データシート(HTML) 3 Page - Sanyo Semicon Device

  LB11600JV Datasheet HTML 1Page - Sanyo Semicon Device LB11600JV Datasheet HTML 2Page - Sanyo Semicon Device LB11600JV Datasheet HTML 3Page - Sanyo Semicon Device LB11600JV Datasheet HTML 4Page - Sanyo Semicon Device LB11600JV Datasheet HTML 5Page - Sanyo Semicon Device LB11600JV Datasheet HTML 6Page - Sanyo Semicon Device LB11600JV Datasheet HTML 7Page - Sanyo Semicon Device LB11600JV Datasheet HTML 8Page - Sanyo Semicon Device LB11600JV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LB11600JV
No.8321-3/30
Continued from preceding page.
Parameter
Symbol
Conditions
Rated value
Unit
Min.
Typ.
Max.
Motor Constraint Protection Circuit Block (CSD and CSET pins)
CSD saturation voltage
VSCSD
I0 = -0.5mA, VCC-VCSD
0.1
0.3
V
CSD off voltage
VCSDOF
0.55
0.6
0.65
V
CSD voltage
VCSD
CSET = 4.9V
4.7
4.9
V
CSET pin current
ICSET
CSET = 4.8V
35
50
65
μA
CSET pin on voltage
VCSETON
VCC - CSET pin
0.1
0.3
V
CSET pin off voltage
VCSETOFF
VCC - CSET pin
0.6
0.7
0.85
V
Current Limiter Circuit (RF pin)
Limiter voltage
VRF
0.216
0.24
0.264
V
RFGND pin current
IRFGND
RFGND = 0V
-60
-40
-20
μA
Undervoltage Protection Circuit
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis
ΔVSD
0.35
0.5
0.65
V
Thermal Shutdown Circuit (thermal protection circuit)
Thermal shutdown
temperature
TSD
Design target value (junction temperature)*
150
170
°C
Hysteresis
ΔTSD
Design target value (junction temperature)*
25
°C
CEG Pin
CEG pin current
ICEG
CEG = 4.8V
35
50
65
μA
CEG pin on voltage
VCEGON
VCC - CSET pin
0.1
0.3
V
CEG pin off voltage
VCEGOFF
VCC - CSET pin
0.6
0.7
0.85
V
CR Pin
High-level output voltage
VOH (CR)
3.12
3.4
3.68
V
Low-level output voltage
VOL (CR)
0.67
0.75
0.83
V
Clamp voltage
VCLP (CR)
1.3
1.45
1.6
V
FV Pin
Charge current
ICHG1
FV = 2.5V
-420
-300
-230
μA
Discharge current
ICHG2
FV = 1V
1.3
2.5
5.0
mA
FV pin high-level voltage
VOFVH
IO = -200μA
4.7
4.9
V
FV pin low-level voltage
VOFVL
IO = 200μA
0.15
0.3
V
S/S Pin
High-level input voltage
VIH(SS)
2.0
V
Low-level input voltage
VIL(SS)
1.0
V
Input open voltage
VIO(SS)
VCC-0.5
VCC
V
Hysteresis
VIS(SS)
0.2
0.3
0.4
V
High-level input current
IIH(SS)
S/S = 5V
-10
0
10
μA
Low-level input current
IIL(SS)
S/S = 0V
-130
-96
μA
F/R Pin
High-level input voltage
VIH (FR)
2.0
V
Low-level input voltage
VIL (FR)
1.0
V
Input open voltage
VIO (FR)
VCC-0.5
VCC
V
Hysteresis
VIS (FR)
0.2
0.3
0.4
V
High-level input current
IIH (FR)
F/R = 5V
-10
0
10
μA
Low-level input current
IIL (FR)
F/R = 0V
-130
-96
μA
*: These are design target value and are not tested.
Continued on next page.


同様の部品番号 - LB11600JV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
More results

同様の説明 - LB11600JV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com