データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693JH データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LB11693JH
部品情報  24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11693JH_10 Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 9Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 10Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 11Page - Sanyo Semicon Device LB11693JH_10 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LB11693JH
No.A0606-10/12
8. Forward/Reverse Switching
The LB11693JH was designed assuming that forward/reverse switching would not be performed while the motor is
operating. We recommend that the F/R pin be held fixed at either the low (forward) or high (reverse) level when the
motor is turning. Although it will be pulled up to the high level by an internal pull-up resistor (about 40k
Ω) when left
open, this must be strengthened by an external resistor if fluctuations are large.
If the direction is switched while the motor is turning, large currents will flow due to the braking operation. The
LB11693JH's current limiter circuit, however, cannot limit this braking current. Therefore, forward/reverse switching
during motor rotation is only possible if the braking current is limited to a value under IO max (1.8A) by the motor
coil resistance or other circuit or phenomenon. Furthermore, since through current will flow in the high and low side
transistors at the instant the switch occurs with switching that only uses the F/R pin, applications must provide a rive
off period for switching directions. A drive off period must be provided by either setting the IC to the stopped state
with the S/S pin or setting the PWM signal to the 0% duty state with the TOC and PWMIN pins, and the F/R pin
must only be switched during that period to prevent through current.
9. Power Saving Circuit
This IC can be set to a power saving state in which current consumption is reduced by setting it to the stopped state
with the S/S pin. The bias current to most of the circuits in the IC is cut off in this power saving state. Note, however,
that the 5V regulator output is still provided in the power saving state.
10. Notes on the PWM Frequency
The PWM frequency is determined by the capacitance (F) of the capacitor connected to the PWM pin.
fPWM
≈1/ (23400×C)
A frequency in the range 15 to 25kHz is desirable for the PWM frequency. The ground side of the connected
capacitor must be connected to the GND1 pin by as short a line as possible.
11. Control Methods
The output duty can be controlled by either of the following methods.
• Comparison of the TOC pin voltage with the PWM oscillator waveform
This method determines the low side output transistor duty according to the result of comparing the TOC pin
voltage with the PWM oscillator waveform. The PWM duty will be 0% when the TOC pin voltage is under about
1.3V and will be 100% when that voltage is over about 3.0V.
Since the TOC pin is the output of the CTL amplifier, a control voltage cannot be directly input to the TOC pin.
Accordingly, the CTL amplifier is normally used as a full feedback amplifier (by connecting the EI- pin to the
TOC pin) and inputting a DC voltage to the EI pin (here the TOC voltage will be equal to the EI+ pin voltage).
When the EI+ pin voltage increases, the output duty will increase as well. Since the motor will be driven if the EI+
pin is in the open state, a pull-down resistor should be connected to the EI+ pin in applications where this is not
desirable.
A low level must be input to the PWMIN pin (or it must be connected to ground) if the TOC pin voltage control
system is used.
• PWMIN pulse input
A 15 to 25kHz frequency pulse signal can be input to the PWMIN pin and the low side output transistor duty can
be controlled based on the duty of that input signal. When the PWMIN pin is low, the output will be on, and when
high, the output will be off. When the PWMIN pin is open, the input will go to the high level and the output will be
off.
If PWMIN pin control is used, the EI- pin must be connected to ground and the EI+ pin must be connected to the
TOC pin.


同様の部品番号 - LB11693JH_10

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
More results

同様の説明 - LB11693JH_10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com