データシートサーチシステム |
|
LB11693JH データシート(PDF) 3 Page - Sanyo Semicon Device |
|
LB11693JH データシート(HTML) 3 Page - Sanyo Semicon Device |
3 / 12 page LB11693JH No.A0606-3/12 Continued from preceding page. Ratings Parameter Symbol Conditions min typ max unit [PWM Oscillator Circuit] High-level output voltage VOH(PWM) 2.75 3.0 3.25 V Low-level output voltage VOL(PWM) 1.1 1.3 1.4 V Amplitude V(PWM) 1.5 1.7 2.0 Vp-p External capacitor charge current ICHG VPWM = 2.1V -125 -90 -70 μA Oscillator frequency f(PWM) C = 2200pF 15.5 19.5 27.0 kHz [TOC Pin] Input voltage 1 VTOC1 Output duty: 100% 2.72 3.0 3.30 V Input voltage 2 VTOC2 Output duty: 0% 1.07 1.3 1.45 V Input voltage 1L VTOC1L Design target value*. 100% when VREG = 4.7V 2.72 2.80 2.90 V Input voltage 2L VTOC2L Design target value*. 0% when VREG = 4.7V 1.07 1.17 1.27 V Input voltage 1H VTOC1H Design target value*. 100% when VREG = 5.3V 3.08 3.20 3.30 V Input voltage 2H VTOC2H Design target value*. 0% when VREG = 5.3V 1.21 1.33 1.45 V [RD Pin] Low-level output voltage VOL(RD) IRD = 5mA 0.1 0.3 V Output leakage current IL(RD) VRD = 28V 10 μA [FG Pin] Low-level output voltage VOL(FG) IFG = 5mA 0.1 0.3 V Output leakage current IL(FG) VFG = 28V 10 μA [FGFIL Pin] Charge current IFGFIL1 -7 -5 -3 μA Discharge current IFGFIL2 35 7 μA [FG Amplifier Schmitt Block (IN1)] Amplifier gain G(FG) Design target value*. 7 Times Hysteresis VIS(FG) Design target value*. Input equivalent 8 mV [S/S Pin] High-level input voltage VIH(SS) 2.0 VREG V Low-level input voltage VIL(SS) 0 1.0 V Input open voltage VIO(SS) 2.6 2.9 3.2 V Hysteresis VIS(SS) 0.16 0.25 0.34 V High-level input current IIH(SS) VS/S = VREG 100 130 μA Low-level input current IIL(SS) VS/S = 0V -170 -130 μA [PWMIN Pin] Input frequency range f(PI) 50 kHz High-level input voltage range VIH(PI) 2.0 VREG V Low-level input voltage range VIL(PI) 0 1.0 V Input open voltage VIO(PI) 2.6 2.9 3.2 V Hysteresis VIS(PI) 0.16 0.25 0.34 V High-level input current IIH(PI) VPWMIN = VREG 100 130 μA Low-level input current IIL(PI) VPWMIN = 0V -170 -130 μA [F/R Pin] High-level input voltage VIH(FR) 2.0 VREG V Low-level input voltage VIL(FR) 0 1.0 V Input open voltage VIO(FR) VREG-0.5 VREG V Hysteresis VIS(FR) 0.16 0.25 0.34 V High-level input current IIH(FR) VF/R = VREG -10 0 10 μA Low-level input current IIL(FR) VF/R = 0V -165 -115 μA *: Design target value and no measurement was made. |
同様の部品番号 - LB11693JH |
|
同様の説明 - LB11693JH |