データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11826 データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LB11826
部品情報  For OA Products Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11826 データシート(HTML) 2 Page - Sanyo Semicon Device

  LB11826 Datasheet HTML 1Page - Sanyo Semicon Device LB11826 Datasheet HTML 2Page - Sanyo Semicon Device LB11826 Datasheet HTML 3Page - Sanyo Semicon Device LB11826 Datasheet HTML 4Page - Sanyo Semicon Device LB11826 Datasheet HTML 5Page - Sanyo Semicon Device LB11826 Datasheet HTML 6Page - Sanyo Semicon Device LB11826 Datasheet HTML 7Page - Sanyo Semicon Device LB11826 Datasheet HTML 8Page - Sanyo Semicon Device LB11826 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LB11826
No.7109-2/11
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC
9.5 to 28
V
Voltage output current
IREG
0 to -30
mA
LDn output current
ILD
0 to 15
mA
Electrical Characteristics at Ta
= 25°C, VCC = VM = 24V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
ICC1
23
30
mA
Supply current 2
ICC2
Stop mode
3.5
5
mA
Output block
Output saturation voltage 1
VO sat1
IO = 1.0A, VO (sink) + (source)
2.0
2.5
V
Output saturation voltage 2
VO sat2
IO = 2.0A, VO (sink) + (source)
2.6
3.2
V
Output leakage current
IO leak
100
μA
Lower side diode forward voltage 1
VD1
ID = -1.0A
1.2
1.5
V
Lower side diode forward voltage 2
VD2
ID = -2.0A
1.5
2.0
V
5V Voltage output
Output voltage
VREG
IO = -5mA
4.65
5.00
5.35
V
Voltage regulation
ΔVREG1
VCC = 9.5 to 28V
30
100
mV
Load regulation
ΔVREG2
IO = -5 to -20mA
20
100
mV
Hall Amplifier
Input bias current
IHB
-2
-0.5
μA
Common-mode input voltage range
VICM
1.5
VREG-1.5
V
Hall input sensitivity
80
mVp-p
Hysteresis width
ΔVIN
15
24
42
mV
Input voltage low
→ high
VSLH
12
mV
Input voltage high
→ low
VSHL
-12
mV
PWM oscillator circuit
Output H level voltage
VOH (PWM)
2.5
2.8
3.1
V
Output L level voltage
VOL (PWM)
1.2
1.5
1.8
V
Oscillator frequency
f (PWM)
C = 3900pF
18
kHz
Amplitude
V (PWM)
1.05
1.30
1.55
Vp-p
CSD circuit
Operating voltage
VOH (CSD)
3.6
3.9
4.2
V
External C charge current
ICHG
-17
-12
-9
μA
Operating time
T (CSD)
C = 10
μF, Design target value*
3.3
s
Current limiter operation
Limiter
VRF
VCC-VM
0.45
0.5
0.55
V
Thermal shutdown operation
Thermal shutdown operating
temperature
TSD
Design target value* (junction temperature)
150
180
°C
Hysteresis width
ΔTSD
Design target value* (junction temperature)
50
°C
FG amplifier
Input offset voltage
VIO (FG)
-10
10
mV
Input bias current
IB (FG)
-1
1
μA
Output H level voltage
VOH (FG)
IFGO = -0.2mA
VREG-1.2
VREG-0.8
V
Output L level voltage
VOL (FG)
IFGO = 0.2mA
0.8
1.2
V
FG input sensitivity
Gain 100-fold
3
mV
Schmitt amplitude for the next stage
Design target value*
100
180
250
mV
Operation frequency range
2
kHz
Open-loop gain
f (FG) = 2kHz
45
51
dB
Note : * These items are design target values and are not tested.
Continued on next page.


同様の部品番号 - LB11826

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11826 SANYO-LB11826 Datasheet
478Kb / 11P
   LB11826
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11826

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com