データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11870 データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LB11870
部品情報  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11870 データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LB11870_07 Datasheet HTML 5Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 6Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 7Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 8Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 9Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 10Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 11Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 12Page - Sanyo Semicon Device LB11870_07 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LB11870
No.7256-9/14
Continued from preceding page.
Pin No.
Symbol
Pin Description
Equivalent Circuit
25
FGFIL
FG filter connection.
If noise on the FG signal input is a problem,
insert a capacitor (up to about 2200pF)
between this pin and ground.
26
CSD
Sets the rotor constraint protection circuit
operating time and the initial reset pulse.
A protection operating time of about 8 seconds
can be set by insert a capacitor of about
0.068
μF between this pin and ground. If the
rotor constraint protection circuit is not used,
insert a resistor and a capacitor in parallel
between this pin and ground. (Values: about
220k
Ω and 4700pF)
27
CLD
Sets the phase lock state signal mask time.
A mask time of about 90ms can be set by
inserting a capacitor of about 0.1
μF between
this pin and ground.
Leave this pin open if masking is not required.
28
FGS
FG Schmitt output.
29
LD
Phase lock state detection output.
This output goes to the on state (low level)
when the phase is locked.
Continued on next page.
25
VREG
VREG
300
Ω
26
VREG
27
300
Ω
VREG
28
VREG
29


同様の部品番号 - LB11870_07

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
logo
ON Semiconductor
LB11870 ONSEMI-LB11870 Datasheet
197Kb / 14P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11870_07

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com