データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11922 データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 LB11922
部品情報  For OA Products Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11922 データシート(HTML) 4 Page - Sanyo Semicon Device

  LB11922_08 Datasheet HTML 1Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 2Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11922_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LB11922
No.7497-4/15
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
S/S Pin
Input high-level voltage
VIH (S/S)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (S/S)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (S/S)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (S/S)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (S/S)
VS/S = VCC
-10
0
+10
μA
Input low-level current
IIL (S/S)
VS/S = 0V
-170
-118
μA
Pull-up resistance
RU (S/S)
37
53.5
70
k
Ω
F/R Pin
Input high-level voltage
VIH (F/R)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (F/R)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (F/R)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (F/R)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (F/R)
VF/R = VCC
-10
0
+10
μA
Input low-level current
IIL (F/R)
VF/R = 0V
-170
-118
μA
Pull-up resistance
RU (F/R)
37
53.5
70
k
Ω
BR Pin
Input high-level voltage
VIH (BR)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (BR)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (BR)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (BR)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (BR)
VBR = VCC
-10
0
+10
μA
Input low-level current
IIL (BR)
VBR = 0V
-170
-118
μA
Pull-up resistance
RU (BR)
37
53.5
70
k
Ω
N Pin
Input high-level voltage
VIH (N)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (N)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (N)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (N)
VCC = 6.3V, 5V, Design target value *
0.13
0.22
0.31
V
Input high-level current
IIH (N)
VN = VCC
-10
0
+10
μA
Input low-level current
IIL (N)
VN = 0V
-170
-118
μA
Pull-up resistance
RU (N)
37
53.5
70
k
Ω
Note : * These items are design target values and are not tested.
Package Dimensions
unit : mm (typ)
3247A
SANYO : SSOP36(275mil)
1
36
18
19
0.8
15.0
0.2
0.3
(0.7)
Pd max -- Ta
Ambient temperature, Ta – °C
0
1.36
0.76
0.35
1.2
0.8
0.4
0.62
1.6
– 20
80
60
20
40
0
100
Specified board : 114.3
×76.1×1.6mm3
glass epoxy
Independent IC


同様の部品番号 - LB11922_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922 Datasheet
551Kb / 19P
   MONOLITHIC DIGITAL TRANSISTOR
logo
ON Semiconductor
LB11922 ONSEMI-LB11922 Datasheet
180Kb / 15P
   Three-Phase Brushless Motor Driver
May, 2013
More results

同様の説明 - LB11922_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com