データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC749880T データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC749880T
部品情報  Silicon gate Image controller LSI for LCD-TV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749880T データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC749880T Datasheet HTML 4Page - Sanyo Semicon Device LC749880T Datasheet HTML 5Page - Sanyo Semicon Device LC749880T Datasheet HTML 6Page - Sanyo Semicon Device LC749880T Datasheet HTML 7Page - Sanyo Semicon Device LC749880T Datasheet HTML 8Page - Sanyo Semicon Device LC749880T Datasheet HTML 9Page - Sanyo Semicon Device LC749880T Datasheet HTML 10Page - Sanyo Semicon Device LC749880T Datasheet HTML 11Page - Sanyo Semicon Device LC749880T Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LC749880T
No.A1186-8/17
Pin Functions
I/O format
Pin No.
Pin symbol
I/O
Format
Connected to
Remarks
1
CRIN
I
A
Analog IF
Analog CR input (ADC1)
2
VRT1
O
A
Top level reference voltage connection pin for ADC1
3
VRB1
O
A
Bottom level reference voltage connection pin for ADC1
4
AVSS33
P
Analog GND
5
CBIN
I
A
Analog IF
Analog CB input (or S-C) (ADC2)
6
AVSS33
P
Analog GND
7
SC
I
A
Analog IF
Analog S-C input (ADC2)
8
AVDD33
P
Analog 3.3V
9
VRT2
O
A
Top level reference voltage connection pin for ADC2
10
VRB2
O
A
Bottom level reference voltage connection pin for ADC2
11
NBIAS
O
A
Bias voltage connection pin for ADC
12
VREF1
O
A
Reference voltage connection pin for ADC
13
AVSS18
P
Analog GND
14
SVO
O
A
ADC3 input internal analog video signal output
15
AVDD18
P
Analog 1.8V
16
YIN
I
A
Analog IF
Analog Y input (or S-Y,CVBS) (ADC3)
17
AVSS33
P
Analog GND
18
SY
I
A
Analog IF
Analog S-Y input (or CVBS) (ADC3)
19
AVSS33
P
Analog GND
20
CVBS1
I
A
Analog IF
Analog CVBS1 input (ADC3)
21
AVSS33
P
Analog GND
22
CVBS2
I
A
Analog IF
Analog CVBS2 input (ADC3)
23
AVSS33
P
Analog GND
24
VRT3
O
A
Top level reference voltage connection pin for ADC3
25
VRB3
O
A
Bottom level reference voltage connection pin for ADC3
26
VRTC
I
A
AGC control voltage input
27
RVSS33
P
Analog GND
VREF generator circuit analog GND
28
RVDD33
P
Analog 3.3V
VREF generator circuit analog 3.3V
29
LPFO
O
A
AGC PWM output
30
LPFVDD
I
A
AGC PWM output buffer power supply
31
SCANEN
I
C
Test pin (Normally, Lo)
32
SCANMOD
I
C
Test pin (Normally, Lo)
33
I
2CSEL
I
C
I
2C slave addresses L=0×88, H=0×8A
34
RESET
I
B
System reset (Active Lo)
35
GRST
I/O
G
Gate reset signal (or test input)
36
FLM
I/O
G
Gate start signal (or test input)
37
OE
I/O
G
Gate OE signal (or test input)
38
CPV
I/O
G
Gate lock signal (or test input)
39
STRB
I/O
G
Source strobe signal (or test input)
40
SP
I/O
G
Source start signal (or test input)
41
DVDD33
P
Digital 3.3V
42
DVSS
P
Digital GND
43
DVDD18
P
Digital 1.8V
44
DEXR
I/O
G
Source picture element reversal signal (or test input)
45
POL
I/O
G
Source line reversal signal (or test input)
46
TIM0
O
E
Data enable signal output/FLM2 (register selection)
47
TIM1
O
E
Vertical synchronizing signal output/SP2 (register selection)
48
TIM2
O
E
Horizontal synchronizing signal output
49
VP00
O
E
Video signal output R0/R_ODD_0 (MODE pin select=0)
50
VP01
O
E
Video signal output R1/R_ODD_1 (MODE pin select=0)
51
VP02
O
E
Video signal output R2/R_ODD_2 (MODE pin select=0)
Continued on next page.


同様の部品番号 - LC749880T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
More results

同様の説明 - LC749880T

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC822973 SANYO-LC822973 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
logo
OKI electronic componet...
MSM6355 OKI-MSM6355 Datasheet
706Kb / 36P
   LCD CONTROLLER LSI
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
Toshiba Semiconductor
T6963CFG TOSHIBA-T6963CFG Datasheet
821Kb / 47P
   DOT MATRIX LCD CONTROLLER LSI
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
   Entry level LCD TV controller
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
List of Unclassifed Man...
SED1336 ETC1-SED1336 Datasheet
52Kb / 12P
   CMOS GRAPHIC LCD/TV CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com