データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB10-05P データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 SB10-05P
部品情報  50V, 1A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB10-05P データシート(HTML) 3 Page - Sanyo Semicon Device

  SB10-05P Datasheet HTML 1Page - Sanyo Semicon Device SB10-05P Datasheet HTML 2Page - Sanyo Semicon Device SB10-05P Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB10-05P
No.2154-3/3
PS
Reverse Voltage, VR -- V
C -- VR
Time, t -- s
IFSM -- t
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
ID00435
1.0
10
2
2
3
5
2
3
5
10
100
7
35
7
2
3
5
7
100
f=1MHz
ID00434
20ms
t
Current waveform 50Hz sine wave
IS
Average Output Current, IO -- A
PF(AV) -- IO
Peak Reverse Voltage, VRM -- V
PR(AV) -- VRM
0
0
0.2
0.8
1.0
1.4
1.2
0.6
0.4
0.2
0.4
0.6
1.4
1.2
1.0
0.8
ID00432
0
0
10
300
400
500
200
100
20
30
60
50
40
ID00433
(3)
(1)
(2)
(4)
(4)
(3)
(1)
(2)
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
VR
Rectangular
wave
180
°
360
°
VR
Sine wave
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of September, 2007. Specifications and information herein are subject
to change without notice.


同様の部品番号 - SB10-05P

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB10-05P SANYO-SB10-05P Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
SB10-05P ONSEMI-SB10-05P Datasheet
82Kb / 4P
   Schottky Barrier Diode
February 2015 - Rev. 1
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
SB10-05P-TD-E ONSEMI-SB10-05P-TD-E Datasheet
82Kb / 4P
   Schottky Barrier Diode
February 2015 - Rev. 1
logo
Sanyo Semicon Device
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
More results

同様の説明 - SB10-05P

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB10-05 SANYO-SB10-05 Datasheet
57Kb / 2P
   50V, 1A Rectifier
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
SB10W05T SANYO-SB10W05T Datasheet
85Kb / 3P
   50V, 1A Rectifier
SB10W05Z SANYO-SB10W05Z Datasheet
88Kb / 2P
   50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10W05P SANYO-SB10W05P Datasheet
72Kb / 2P
   50V, 1A Rectifier
SB10-05PCP SANYO-SB10-05PCP Datasheet
65Kb / 2P
   50V, 1A Rectifier
SB10W05V SANYO-SB10W05V Datasheet
72Kb / 2P
   50V, 1A Rectifier
logo
Silicon Supplies
1N4001 SS-1N4001 Datasheet
191Kb / 2P
   50V 1A Standard Rectifier
Rev 1.0 25/08/23
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com