データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCH1343 データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 SCH1343
部品情報  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1343 データシート(HTML) 3 Page - Sanyo Semicon Device

  SCH1343 Datasheet HTML 1Page - Sanyo Semicon Device SCH1343 Datasheet HTML 2Page - Sanyo Semicon Device SCH1343 Datasheet HTML 3Page - Sanyo Semicon Device SCH1343 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCH1343
No. A1994-3/4
IS -- VSD
| yfs | -- I
D
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
SW Time -- ID
Ciss, Coss, Crss -- VDS
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
RDS(on) -- Ta
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
A S O
Drain-to-Source Voltage, VDS -- V
IS -- VSD
IT16656
IT16657
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.4
--1.2
0.1
1.0
10
7
7
5
3
2
2
5
3
--0.1
--1.0
23
5 7
--10
7
--0.01
23
5 7
23
5
Ta=
--25
°C
VDS= --10V
--0.01
VGS=0V
--0.1
--1.0
23
5
7
--10
23
5
7
VDD= --10V
VGS= --4.5V
td(on)
td(off)
tf
IT16658
0--5
3
7
5
7
5
3
2
100
10000
10
2
7
5
3
1000
2
--10
--20
--15
Ciss
Coss
Crss
IT16659
10
1000
1.0
2
3
7
5
100
2
3
7
5
7
5
2
3
f=1MHz
tr
0
--1
--3
--5
--8
--7
--2
--4
--6
200
150
100
50
250
0
50
150
100
200
250
0
IT16654
IT16655
ID= --0.5A
--2.0A
Ta=25
°C
75
°C
25
°C
--0.1
2
3
7
5
2
3
7
7
5
--1.0
--10
2
3
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID=
--0.5A
VGS=
--4.5V,
ID= --
2.0A
VGS
= --2.5V
, ID=
--1.0A
IT16661
011
5
2
13
4
8
9
67
10
IT16660
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
--1.0A
VDS= --10V
ID= --3.5A
2
3
5
7
2
--0.1
3
5
7
2
--1.0
--0.01
23 5 7
23 5 7
23
5 7
--0.01
--0.1
--1.0
23 5 7
--10
--100
10ms
100ms
Operation in this area
is limited by RDS(on).
DC
operation
IDP= --14A (PW≤10μs)
1ms
3
5
7
2
--10
3
5
7
--100
100
μs
ID= --3.5A
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)


同様の部品番号 - SCH1343

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SCH1343 ONSEMI-SCH1343 Datasheet
381Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
SCH1343-TL-H SANYO-SCH1343-TL-H Datasheet
490Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SCH1343-TL-H ONSEMI-SCH1343-TL-H Datasheet
381Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
SCH1343 SANYO-SCH1343_12 Datasheet
490Kb / 7P
   General-Purpose Switching Device Applications
More results

同様の説明 - SCH1343

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com