データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GT100DA60U データシート(PDF) 4 Page - Vishay Siliconix

部品番号 GT100DA60U
部品情報  Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GT100DA60U データシート(HTML) 4 Page - Vishay Siliconix

  GT100DA60U Datasheet HTML 1Page - Vishay Siliconix GT100DA60U Datasheet HTML 2Page - Vishay Siliconix GT100DA60U Datasheet HTML 3Page - Vishay Siliconix GT100DA60U Datasheet HTML 4Page - Vishay Siliconix GT100DA60U Datasheet HTML 5Page - Vishay Siliconix GT100DA60U Datasheet HTML 6Page - Vishay Siliconix GT100DA60U Datasheet HTML 7Page - Vishay Siliconix GT100DA60U Datasheet HTML 8Page - Vishay Siliconix GT100DA60U Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GT100DA60U
Vishay Semiconductors
Insulated Gate Bipolar Transistor
(Trench IGBT), 100 A
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93185
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 22-Jul-10
Fig. 5 - Typical Diode Forward Characteristics
Fig. 6 - Typical IGBT Zero Gate Voltage Collector Current
Fig. 7 - Typical IGBT Threshold Voltage
Fig. 8 - Typical IGBT Collector to Emitter Voltage vs.
Junction Temperature, VGE = 15 V
Fig. 9 - Typical IGBT Energy Loss vs. IC
TJ = 125 °C, L = 500 μH, VCC = 360 V,
Rg = 5 , VGE = 15 V
Fig. 10 - Typical IGBT Switching Time vs. IC
TJ = 125 °C, L = 500 μH, VCC = 360 V,
Rg = 5 , VGE = 15 V
VFM (V)
03.0
0.5
1.0
1.5
2.0
2.5
0
93185_05
200
100
75
175
50
150
25
125
T
J = 175 °C
T
J = 25 °C
T
J = 125 °C
VCES (V)
100
600
200
300
400
500
0.00001
93185_06
10
0.1
0.01
0.001
0.0001
1
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
IC (mA)
0.2
1.0
0.3
0.4
0.6
0.8
0.5
0.7
0.9
2.5
3.0
3.5
4.0
4.5
93185_07
5.0
T
J = 25 °C
T
J = 125 °C
TJ (°C)
20
180
60
100
140
1.0
1.5
2.0
93185_08
2.5
100 A
50 A
27 A
IC (A)
10
30
50
90
70
110
0
93185_09
3.0
1.5
2.5
2.0
1.0
0.5
E
on
E
off
IC (A)
020
60
80
100
40
120
10
93185_10
1000
100
t
d(off)
t
d(on)
t
f
t
r


同様の部品番号 - GT100DA60U

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
GT100DA60U VISHAY-GT100DA60U Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results

同様の説明 - GT100DA60U

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
VS-GT100DA120U VISHAY-VS-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
VS-GT180DA120U VISHAY-VS-GT180DA120U Datasheet
187Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 180 A
01-Jan-2022
VS-GT80DA120U VISHAY-VS-GT80DA120U Datasheet
186Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 80 A
01-Jan-2022
VS-GT140DA60U VISHAY-VS-GT140DA60U_V02 Datasheet
189Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 140 A
01-Jan-2023
VS-GT80DA120U VISHAY-VS-GT80DA120U_V01 Datasheet
185Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 80 A
01-Jan-2023
VS-GT140DA60U VISHAY-VS-GT140DA60U Datasheet
295Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 140 A
Revision: 31-May-16
VS-GT140DA60U VISHAY-VS-GT140DA60U_V01 Datasheet
190Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 140 A
01-Jan-2022
VS-GT200SA60UP VISHAY-VS-GT200SA60UP_V01 Datasheet
176Kb / 8P
   Insulated Gate Bipolar Transistor (Trench IGBT), 200 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com