データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GT100LA120UX データシート(PDF) 3 Page - Vishay Siliconix

部品番号 GT100LA120UX
部品情報  "Low Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GT100LA120UX データシート(HTML) 3 Page - Vishay Siliconix

  GT100LA120UX Datasheet HTML 1Page - Vishay Siliconix GT100LA120UX Datasheet HTML 2Page - Vishay Siliconix GT100LA120UX Datasheet HTML 3Page - Vishay Siliconix GT100LA120UX Datasheet HTML 4Page - Vishay Siliconix GT100LA120UX Datasheet HTML 5Page - Vishay Siliconix GT100LA120UX Datasheet HTML 6Page - Vishay Siliconix GT100LA120UX Datasheet HTML 7Page - Vishay Siliconix GT100LA120UX Datasheet HTML 8Page - Vishay Siliconix GT100LA120UX Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GT100LA120UX
"Low Side Chopper" IGBT SOT-227
(Trench IGBT), 100 A
Vishay Semiconductors
Document Number: 93099
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
Fig. 1 - Maximum DC IGBT Collector Current vs.
Case Temperature
Fig. 2 - IGBT Reverse Bias SOA
TJ = 150 °C, VGE = 15 V
Fig. 3 - Typical IGBT Collector Current Characteristics
Fig. 4 - Typical IGBT Zero Gate Voltage Collector Current
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage temperature
range
TJ, TStg
- 40
-
150
°C
Thermal resistance, junction to case
IGBT
RthJC
-
-
0.27
°C/W
Diode
-
-
0.37
Thermal resistance, case to sink per module
RthCS
-0.05
-
Mounting torque, 6-32 or M3 screw
-
-
1.3
Nm
Weight
-30
-
g
IC - Continuous Collector Current (A)
0
20
40
60
80
100
120
140
160
0
160
100
120
140
20
40
60
80
VCE (V)
1
10
100
1000
10 000
0.01
0.1
1
1000
10
100
VCE (V)
0246
135
0
300
50
100
200
150
250
T
J = 125 °C
T
J = 25 °C
VCES (V)
100
300
500
700
900
1100
0.0001
0.1
0.01
0.001
T
J = 125 °C
T
J = 25 °C


同様の部品番号 - GT100LA120UX

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA120U VISHAY-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
GT100DA60U VISHAY-GT100DA60U Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com