データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIG111GMH データシート(PDF) 4 Page - Sanyo Semicon Device

部品番号 TIG111GMH
部品情報  High Power High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG111GMH データシート(HTML) 4 Page - Sanyo Semicon Device

  TIG111GMH Datasheet HTML 1Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 2Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 3Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 4Page - Sanyo Semicon Device TIG111GMH Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIG111GMH
No.9014-4/5
Collector-to-Emitter Voltage, VCE -- V
Cies, Coes, Cres -- VCE
toff, td(off), tf -- IC
Collector Current, IC -- A
ton, td(on), tr -- RG
Gate Resistance, RG -- Ω
ton, td(on), tr -- IC
Collector Current, IC -- A
Total Gate Charge, Qg -- nC
VGE -- Qg
PD -- Tc
Case Temperature, Tc --
°C
IC -- Tc
Case Temperature, Tc --
°C
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
IT16410
025
30
515
20
10
100
7
5
3
10000
1000
7
5
3
2
10
1.0
7
5
3
2
2
7
5
3
2
IT16412
Cies
Coes
Cres
f=1MHz
23
5
7
5
7
3
2
100
1.0
10
IT16409
3
2
7
5
1000
100
td(off)
VCC=300V
VClamp=600V
L=200
μH
VGE=15V
RG=30Ω
tf
toff
23
5
7
5
7
3
2
100
1.0
10
IT16411
3
2
7
5
3
2
7
5
1000
10
100
td(on)
VCC=300V
VClamp=600V
L=200
μH
VGE=15V
RG=30Ω
t r
ton
2
3
57
2
3
57
57
3
2
100
1000
1.0
10
7
5
3
2
100
7
5
3
2
1000
10
t d
(on)
VCC=300V
VClamp=600V
L=200
μH
VGE=15V
IC=10A
t r
t on
070
60
40
20
50
30
10
0
3
6
9
15
12
IT16413
VCC=300V
IC=10A
VGE=15V
IT16599
IT16600
7
5
3
2
1.0
7
5
3
2
0.1
10
7
5
3
2
100
7
5
3
2
1000
7
2
5
3
0.01
1.0
10
25
37
5
72
100
1000
5
37
2
3
10ms
1ms
DC
operation
IT16601
P
T =500
μs
100ms
0
0
25
50
75
100
125
150
20
21
15
10
5
25
200
175
0
0
20
40
60
80
120
100
40
50
55
20
10
30
60
160
140
Tc=25
°C
Single pulse


同様の部品番号 - TIG111GMH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
More results

同様の説明 - TIG111GMH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG400Q1US65H TOSHIBA-MG400Q1US65H Datasheet
195Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG150Q2YS65H TOSHIBA-MG150Q2YS65H Datasheet
167Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110GMH SANYO-TIG110GMH Datasheet
484Kb / 5P
   High Power High Speed Switching Applications
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
2SK686 SANYO-2SK686 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com