データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJE803 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 MJE803
部品情報  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE803 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE803 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE803 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJE803 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
MJE800/801/802/803
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJE800/801
60
V(BR)CEO
Collector-emitter
breakdown voltage
MJE802/803
IC=50mA;IB=0
80
V
MJE800/802
IC=1.5A ;IB=30mA
2.5
VCEsat-1
Collector-emitter
saturation voltage
MJE801/803
IC=2A ;IB=40mA
2.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A ;IB=40mA
3.0
V
MJE800/802
IC=1.5A ; VCE=3V
VBE-1
Base-emitter
on voltage
MJE801/803
IC=2A ; VCE=3V
2.5
V
VBE-2
Base-emitter
on voltage
IC=4A ; VCE=3V
3.0
V
MJE800/801
VCE=60V; IB=0
ICEO
Collector
cut-off current
MJE802/803
VCE=80V; IB=0
100
μA
ICBO
Collector cut-off current
VCB=Rated BVCEO; IE=0
TC=100℃
100
500
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
MJE800/802
IC=1.5A ; VCE=3V
hFE-1
DC current gain
MJE801/803
IC=2A ; VCE=3V
750
hFE-2
DC current gain
IC=4A ; VCE=3V
100


同様の部品番号 - MJE803

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJE803 MOTOROLA-MJE803 Datasheet
256Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
logo
ON Semiconductor
MJE803 ONSEMI-MJE803 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJE803 STMICROELECTRONICS-MJE803 Datasheet
64Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
MJE803 FAIRCHILD-MJE803 Datasheet
51Kb / 4P
   Monolithic Construction With Built-in Base- Emitter Resistors
logo
ON Semiconductor
MJE803 ONSEMI-MJE803 Datasheet
84Kb / 6P
   4.0 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 40 WATT 50 WATT
February, 2006 ??Rev. 8
More results

同様の説明 - MJE803

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com