データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1032R-T1-GE3 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 SI1032R-T1-GE3
部品情報  N-Channel 1.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032R-T1-GE3 データシート(HTML) 5 Page - Vishay Siliconix

  SI1032R-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 08-Aug-11
1
Document Number: 71348
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SC-75A: 3-LEADS
Notes
Dimensions in millimeters will govern.
1. Dimension D does not include mold flash, protrusions or gate
burrs. Mold flash protrusions or gate burrs shall not exceed
0.10 mm per end. Dimension E1 does not include Interlead flash
or protrusion. Interlead flash or protrusion shall not exceed
0.10 mm per side.
2. Dimensions D and E1 are determined at the outmost extremes of
the plastic body exclusive of mold flash, tie bar burrs, gate burrs
and interelead flash, but including any mismatch between the top
and bottom of the plastic body.
3. Datums A, B and D to be determined 0.10 mm from the lead tip.
4. Terminal positions are shown for reference only.
5. These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
C
M
B
A –
2X
1
2
3
1
2
C
4
3
D
3
D
bbb
D
e2
B1(b1)
3
e1
2XB1
E1
2X
e3
2
E
E/2
4X
D
Seating Plane
Base Metal
With Tin Planting
Section B-B
5
B1
b1
c1
L2
2X
1
ddd
C
C
1
1
DIMENSIONS
TOLERANCES
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.10
MILLIMETERS
DIM.
MIN.
NOM.
MAX.
NOTE
A-
-
0.80
A1
0.00
-
0.10
A2
0.65
0.70
0.80
B1
0.19
-
0.24
5
b1
0.17
-
0.21
c
0.13
-
0.15
5
c1
0.10
-
0.12
5
D
1.48
1.575
1.68
1, 2
E
1.50
1.60
1.70
E1
0.66
0.76
0.86
1, 2
e1
0.50 BSC
e2
1.00 BSC
e3
0.50 BSC
L
0.15
0.205
0.30
L1
0.40 REF
L2
0.15 BSC
-
1
-
10°
ECN: E11-2210-Rev. D, 08-Aug-11
DWG: 5868


同様の部品番号 - SI1032R-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1032R-T1-GE3 VISHAY-SI1032R-T1-GE3 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
More results

同様の説明 - SI1032R-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com