データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1032R-T1-GE3 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI1032R-T1-GE3
部品情報  N-Channel 1.5 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1032R-T1-GE3 データシート(HTML) 4 Page - Vishay Siliconix

  SI1032R-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI1032R-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 71172
S10-2544-Rev. F, 08-Nov-10
Vishay Siliconix
Si1032R/X
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71172.
Threshold Voltage Variance vs. Temperature
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
0.3
- 50
- 25
0
25
50
75
100
125
ID = 0.25 mA
TJ - Temperature (°C)
IGSS vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
125
TJ - Temperature (°C)
VGS = 2.8 V
BVGSS vs. Temperature
0
1
2
3
4
5
6
7
- 50
- 25
0
25
50
75
100
125
TJ - Temperature (°C)
Normalized Thermal Transient Impedance, Junction-to-Ambient (SC-75A, Si1032R Only)
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 500 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


同様の部品番号 - SI1032R-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1032R-T1-GE3 VISHAY-SI1032R-T1-GE3 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
More results

同様の説明 - SI1032R-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
   N-Channel 1.5-V (G-S) MOSFET
Rev. E, 07-Jul-08
SI1032R VISHAY-SI1032R_V01 Datasheet
135Kb / 7P
   N-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
   N-Channel 1.5-V (G-S) MOSFET
Rev. C, 08-Sep-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
   Dual N-Channel 1.5-V (G-S) MOSFET
Rev. C, 07-May-07
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
SI3495DV VISHAY-SI3495DV_08 Datasheet
98Kb / 6P
   P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Rev. B, 02-Jul-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com