データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1330EDL データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1330EDL
部品情報  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1330EDL データシート(HTML) 1 Page - Vishay Siliconix

  SI1330EDL Datasheet HTML 1Page - Vishay Siliconix SI1330EDL Datasheet HTML 2Page - Vishay Siliconix SI1330EDL Datasheet HTML 3Page - Vishay Siliconix SI1330EDL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si1330EDL
N-Channel 60-V (D-S) MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 73279
S-50257
Rev. A, 21-Feb-05


同様の部品番号 - SI1330EDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1330EDL VISHAY-SI1330EDL Datasheet
84Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-40853-Rev. A, 03-May-04
SI1330EDL VISHAY-SI1330EDL Datasheet
99Kb / 5P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
logo
Vishay Telefunken
SI1330EDL TFUNK-SI1330EDL Datasheet
224Kb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
Si1330EDL VISHAY-Si1330EDL Datasheet
228Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
SI1330EDL VISHAY-SI1330EDL Datasheet
227Kb / 9P
   N-Channel 60 V (D-S) MOSFET
08-Feb-17
More results

同様の説明 - SI1330EDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com