データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1410EDH データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1410EDH
部品情報  N-Channel 20 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1410EDH データシート(HTML) 1 Page - Vishay Siliconix

  SI1410EDH_10 Datasheet HTML 1Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 2Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 3Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 4Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 5Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 6Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 7Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 8Page - Vishay Siliconix SI1410EDH_10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si1410EDH
Document Number: 71409
S10-0935-Rev. B, 19-Apr-10
www.vishay.com
1
N-Channel 20 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs: 1.8 V Rated
ESD Protected: 2000 V
Thermally Enhanced SC-70 Package
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switching
PA Switch
Level Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
20
0.070 at VGS = 4.5 V
3.7
0.080 at VGS = 2.5 V
3.4
0.100 at VGS = 1.8 V
3.0
Ordering Information: Si1410EDH-T1-E3 (Lead (Pb)-free)
Si1410EDH-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
AA
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
D
S
G
1 k
Ω
Notes:
a. Surface mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
3.7
2.9
A
TA = 85 °C
2.6
2.0
Pulsed Drain Current
IDM
8
Continuous Diode Current (Diode Conduction)a
IS
1.4
0.9
Maximum Power Dissipationa
TA = 25 °C
PD
1.56
1.0
W
TA = 85 °C
0.81
0.52
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
60
80
°C/W
Steady State
100
125
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45


同様の部品番号 - SI1410EDH_10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1410EDH VISHAY-SI1410EDH_08 Datasheet
70Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-03185-Rev. A, 05-Mar-01
More results

同様の説明 - SI1410EDH_10

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com