データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT62-02W データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 BAT62-02W
部品情報  Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT62-02W データシート(HTML) 4 Page - Siemens Semiconductor Group

  BAT62-02W Datasheet HTML 1Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 2Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 3Page - Siemens Semiconductor Group BAT62-02W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAT 62-02W
Semiconductor Group
Jul-02-1998
4
Forward current
IF = f (VF)
TA = parameter
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
V
2.0
VF
1
10
2
10
3
10
4
10
uA
IF
TA = 25°C
TA = 85°C
TA = 125°C
TA = -40°C
Leakage current
IR = f (VR)
TA = Parameter
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
uA
0
5
10
15
20
25
30
V
40
VR
-1
10
0
10
1
10
2
10
3
10
uA
TA = 25°C
TA = 85°C
TA = 125°C
Diode capacitance
CT = f (VR)
f = 1MHz
0
5
10
15
20
V
30
VR
0.0
0.1
0.2
0.3
pF
0.5
CT
Rectifier voltage
Vout = f (Vin)
f = 900 MHz
RL = parameter in kΩ
10
0
10
1
10
2
10
3
10
4
mV
VI
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
mV
1000
500
200
100
50
20
RL=10
Semiconductor Group
4
1998-11-01


同様の部品番号 - BAT62-02W

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT62-02W INFINEON-BAT62-02W Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
BAT62-02W INFINEON-BAT62-02W Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-02W INFINEON-BAT62-02W Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT62-02W INFINEON-BAT62-02W Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
More results

同様の説明 - BAT62-02W

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
Siemens Semiconductor G...
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
BAT30 SIEMENS-BAT30 Datasheet
247Kb / 2P
   silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com