データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1414DH データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1414DH
部品情報  N-Channel 30 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1414DH データシート(HTML) 1 Page - Vishay Siliconix

  SI1414DH Datasheet HTML 1Page - Vishay Siliconix SI1414DH Datasheet HTML 2Page - Vishay Siliconix SI1414DH Datasheet HTML 3Page - Vishay Siliconix SI1414DH Datasheet HTML 4Page - Vishay Siliconix SI1414DH Datasheet HTML 5Page - Vishay Siliconix SI1414DH Datasheet HTML 6Page - Vishay Siliconix SI1414DH Datasheet HTML 7Page - Vishay Siliconix SI1414DH Datasheet HTML 8Page - Vishay Siliconix SI1414DH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si1414DH
New Product
Document Number: 67073
S10-2427-Rev. A, 25-Oct-10
www.vishay.com
1
N-Channel 30 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converters
Boost Converters
Load Switches
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
30
0.046 at VGS = 4.5 V
4
5.7 nC
0.050 at VGS = 2.5 V
4
0.057 at VGS = 1.8 V
4
N-Channel MOSFET
G
D
S
Marking Code
AP
XX
Lot Traceability
and Date Code
Part # Code
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Ordering Information: Si1414DH-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TF = 25 °C
ID
4a
A
TF = 70 °C
4a
TA = 25 °C
4a, b, c
TA = 70 °C
3.7a, b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3
TA = 25 °C
1.3b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
1.56b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45


同様の部品番号 - SI1414DH

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI1414DH TFUNK-SI1414DH Datasheet
268Kb / 12P
   N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - SI1414DH

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com