データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT68-07W データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BAT68-07W
部品情報  Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68-07W データシート(HTML) 2 Page - Siemens Semiconductor Group

  BAT68-07W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 4Page - Siemens Semiconductor Group BAT68-07W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT 68-07W
Semiconductor Group
Sep-09-1998
2
Electrical Characteristics at
TA = 25 °C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
min.
typ.
DC characteristics
V(BR)
8
Breakdown voltage
I(BR) = 10 µA
-
-
V
IR
µA
-
Reverse current
VR = 1 V
0.1
-
Reverse current
VR = 1 V, TA = 60 °C
IR
-
-
1.2
nA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
-
340
318
390
340
500
mV
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
-
1
pF
Differential forward resistance
IF = 5 mA, f = 10 kHz
rf
-
-
10
Semiconductor Group
2
1998-11-01


同様の部品番号 - BAT68-07W

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT68-07W INFINEON-BAT68-07W Datasheet
487Kb / 8P
   Silicon Schottky Diodes
Feb-03-2003
BAT68-07W INFINEON-BAT68-07W Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-07W INFINEON-BAT68-07W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-07W INFINEON-BAT68-07W Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
More results

同様の説明 - BAT68-07W

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT68W SIEMENS-BAT68W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
   VHF/UHF Mixer, Local Oscillator Applications???
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com