データシートサーチシステム |
|
ISL21010CFH320Z-TK データシート(PDF) 4 Page - Intersil Corporation |
|
ISL21010CFH320Z-TK データシート(HTML) 4 Page - Intersil Corporation |
4 / 20 page ISL21010 4 FN7896.1 December 8, 2011 Absolute Maximum Ratings Thermal Information Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V VOUT(pin) to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VIN +0.5V Input Voltage Slew Rate (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1V/µs Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5500V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Thermal Resistance (Typical) . . . . . . . . . . . . . . . .. θJA (°C/W) .....θJC(°C/W) 3 Ld SOT-23 Package (Notes 5, 6). . . . . . . . . . . . . . . ..275.................110 Continuous Power Dissipation (TA = +125°C) . . . . . . . . . . . . . . . . . .99mW Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C Pb-Free Reflow Profile (Note 7). . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C Supply Voltage VOUT = 1.024V, 1.25V, 1.5V, 2.048V . . . . . . . . . . . . . . . . . . . 2.2V to 5.5V VOUT = 2.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V VOUT = 3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V VOUT = 3.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V VOUT = 4.096V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 6. For θJC, the “case temp” location is taken at the package top center. 7. Post-reflow drift for the ISL21010 devices may shift up to 4.0mV based on simulated reflow at 260°C peak temperature, three passes. The system design engineer must take this into account when considering the reference voltage after assembly. Electrical Specifications (ISL21010-10, VOUT = 1.024V) VIN = 3.0V, TA = +25°C, IOUT = 0A, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNIT VOUT Output Voltage 1.024 V VOA VOUT Accuracy @ TA = +25°C (Note 7) -0.2 +0.2 % TC VOUT Output Voltage Temperature Coefficient (Note 9) 15 50 ppm/°C VIN Input Voltage Range 2.2 5.5 V IIN Supply Current TA = +25°C 46 80 µA TA = -40°C to +125°C 60 100 µA ΔVOUT /ΔVIN Line Regulation 2.2 V < VIN < 5.5V 5 100 µV/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 25mA 15 110 µV/mA Sinking: -1mA ≤ IOUT ≤ 0mA 17 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 118 mA tR Turn-on Settling Time VOUT = ±0.1%, COUT = 1μF 300 µs Ripple Rejection f = 120Hz 70 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 24 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 14 µVRMS ΔVOUT/ΔTA Thermal Hysteresis (Note 11) ΔTA = +165°C 100 ppm ΔVOUT/Δt Long Term Stability 1000 hours, TA = +25°C 110 ppm |
同様の部品番号 - ISL21010CFH320Z-TK |
|
同様の説明 - ISL21010CFH320Z-TK |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |