データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28217FRTBZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28217FRTBZ
部品情報  40V Precision Low Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28217FRTBZ データシート(HTML) 1 Page - Intersil Corporation

  ISL28217FRTBZ Datasheet HTML 1Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 2Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 3Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 4Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 5Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 6Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 7Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 8Page - Intersil Corporation ISL28217FRTBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
40V Precision Low Power Operational Amplifiers
ISL28117, ISL28217, ISL28417
The ISL28117, ISL28217 and ISL28417 are a family of very high
precision amplifiers featuring low noise vs power consumption,
low offset voltage, low IBIAS current and low temperature drift
making them the ideal choice for applications requiring both high
DC accuracy and AC performance. The combination of precision,
low noise, and small footprint provides the user with outstanding
value and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28117 single and ISL28217 dual are offered in an
8 Ld SOIC, MSOP and TDFN packages. The ISL28417 is offered
in 14 Ld SOIC, 14 Ld TSSOP and 16 Ld QFN packages. All
devices are offered in standard pin configurations and operate
over the extended temperature range from -40°C to +125°C.
Related Literature
•See AN1508 “ISL281X7SOICEVAL1Z Evaluation Board
User’s Guide”
•See AN1509 “ISL282X7SOICEVAL2Z Evaluation Board
User’s Guide”
Features
• Low Input Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . ±50µV, Max.
• Superb Offset TC . . . . . . . . . . . . . . . . . . . . . . . 0.6µV/°C, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . ±1nA, Max.
• Input Bias Current TC. . . . . . . . . . . . . . . . . . . . .±5pA/°C, Max.
• Low Current Consumption . . . . . . . . . . . . . . . . . . . . . . . 440µA
• Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8nV/Hz
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
•Small Package Offerings in Single, Dual and Quad
• Pb-Free (RoHS Compliant)
Applications
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Active Filter Blocks
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. VOS TEMPERATURE COEFFICIENT (VOSTC)
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
SALLEN-KEY LOW PASS FILTER (10kHz)
VIN
1.84k
4.93k
3.3nF
8.2nF
VS = ± 15V
0
2
4
6
8
10
12
14
16
18
-0.45
-0.30
-0.15
0
0.15
0.30
0.45
VOSTC (µV/°C)
October 13, 2011
FN6632.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2009-2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL28217FRTBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28217FRTBZ INTERSIL-ISL28217FRTBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28217FRTBZ INTERSIL-ISL28217FRTBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28217FRTBZ RENESAS-ISL28217FRTBZ Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results

同様の説明 - ISL28217FRTBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com