データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIZ710DT データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SIZ710DT
部品情報  N-Channel 20 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ710DT データシート(HTML) 1 Page - Vishay Siliconix

  SIZ710DT Datasheet HTML 1Page - Vishay Siliconix SIZ710DT Datasheet HTML 2Page - Vishay Siliconix SIZ710DT Datasheet HTML 3Page - Vishay Siliconix SIZ710DT Datasheet HTML 4Page - Vishay Siliconix SIZ710DT Datasheet HTML 5Page - Vishay Siliconix SIZ710DT Datasheet HTML 6Page - Vishay Siliconix SIZ710DT Datasheet HTML 7Page - Vishay Siliconix SIZ710DT Datasheet HTML 8Page - Vishay Siliconix SIZ710DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiZ710DT
New Product
Document Number: 65733
S10-2248-Rev. A, 04-Oct-10
www.vishay.com
1
N-Channel 20 V (D-S) MOSFETs
Ordering Information: SiZ710DT-T1-GE3 (Lead (Pb)-free and Halogen-free)
G1
G2
S2
S2
D1
D1
1
6
5
4
2
3
3.73 mm
6.00 mm
PowerPAIR® 6 x 3.7
D1
S1/D2
Pin 1
GHS
GLS
GND
GND
VIN
VIN
1
6
5
4
2
3
VIN
VSW
VIN/D1
GND/S2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
GHS/G1
VSW/S1/D2
GLS/G2
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/ppg?73257). The PowerPAIR is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required
to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 67 °C/W for channel-1 and 65 °C/W for channel-2.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16a
35a
A
TC = 70 °C
16a
35a
TA = 25 °C
16a, b, c
30b, c
TA = 70 °C
15b, c
24b, c
Pulsed Drain Current
IDM
70
100
Continuous Source Drain Diode Current
TC = 25 °C
IS
16a
35a
TA = 25 °C
3.2b, c
3.8b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
30
Single Pulse Avalanche Energy
EAS
20
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
27
48
W
TC = 70 °C
17
31
TA = 25 °C
3.9b, c
4.6b, c
TA = 70 °C
2.5b, c
3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
24
32
20
27
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.5
4.6
2
2.6
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A) Qg (Typ.)
Channel-1
20
0.0068 at VGS = 10 V
16a
6.9 nC
0.009 at VGS = 4.5 V
16a
Channel-2
20
0.0033 at VGS = 10 V
35a
18.2 nC
0.0043 at VGS = 4.5 V
35a
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook System Power
POL
Synchronous Buck Converter


同様の部品番号 - SIZ710DT

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIZ710DT VISHAY-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ710DT VISHAY-SIZ710DT Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results

同様の説明 - SIZ710DT

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
66Kb / 4P
   N-Channel 20-V (D-S) MOSFETs
Rev. F, 23-Feb-04
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
TN0200K VISHAY-TN0200K_07 Datasheet
97Kb / 5P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 18-Jun-07
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com