データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BBY53 データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BBY53
部品情報  Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY53 データシート(HTML) 2 Page - Siemens Semiconductor Group

  BBY53 Datasheet HTML 1Page - Siemens Semiconductor Group BBY53 Datasheet HTML 2Page - Siemens Semiconductor Group BBY53 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
Feb-04-1997
BBY 53
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 4 V, TA = 25 °C
VR = 4 V, TA = 65 °C
IR
-
-
-
-
200
10
nA
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
CT
1.85
4.8
2.4
5.3
3.1
5.8
pF
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
1.8
2.2
2.6
-
Series resistance
VR = 1 V, f = 1 GHz
rs
-
0.37
-
Case capacitance
f = 1 MHz
CC
-
0.12
-
pF
Series inductance chip to ground
Ls
-
2
-
nH


同様の部品番号 - BBY53

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BBY53 INFINEON-BBY53 Datasheet
417Kb / 3P
   Silicon Tuning Diode
Oct-13-2003
BBY53 INFINEON-BBY53 Datasheet
130Kb / 11P
   Silicon Tuning Diode
2007-09-18
BBY53-02L INFINEON-BBY53-02L Datasheet
417Kb / 3P
   Silicon Tuning Diode
Oct-13-2003
BBY53-02L INFINEON-BBY53-02L Datasheet
130Kb / 11P
   Silicon Tuning Diode
2007-09-18
BBY53-02V INFINEON-BBY53-02V Datasheet
417Kb / 3P
   Silicon Tuning Diode
Oct-13-2003
More results

同様の説明 - BBY53

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY53-02W SIEMENS-BBY53-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY53-03W SIEMENS-BBY53-03W Datasheet
31Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
BBY51 SIEMENS-BBY51 Datasheet
23Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
BBY51-07 SIEMENS-BBY51-07 Datasheet
31Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation
BBY52-03W SIEMENS-BBY52-03W Datasheet
18Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
BBY52 SIEMENS-BBY52 Datasheet
31Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
BBY51-02W SIEMENS-BBY51-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
BBY57-03W SIEMENS-BBY57-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-02W SIEMENS-BBY58-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com