データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2015D1YZHT データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2015D1YZHT
部品情報  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHT データシート(HTML) 4 Page - Texas Instruments

  TPA2015D1YZHT Datasheet HTML 1Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 2Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 3Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 4Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPA2015D1
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
THERMAL INFORMATION
TPA2015D1
THERMAL METRIC(1)
YZH
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
75
θJC(top)
Junction-to-case(top) thermal resistance
22
θJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
25
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VBAT
2.5
5.2
V
VIH
High
–level input voltage, END, ENB
1.3
V
VIL
Low
–level input voltage, END, ENB
0.6
V
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
ELECTRICAL CHARACTERISTICS
VBAT= 3.6 V, Gain = 6 dB, RAGC = Float, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
END = 0 V, ENB = VBAT
2.5
5.2
V
VBAT supply voltage range END = VBAT, ENB = VBAT, AGC options 1, 2, and 3
2.5
5.2
END = VBAT, ENB = VBAT, AGC option 0
2.8
5.2
Class-D supply voltage
END = ENB = VBAT, boost converter active
5.2
5.8
V
range
END = VBAT, ENB = 0 V
3.1
5.25
V
VBAT = 2.5 V to 5.2 V, END = ENB = VBAT
85
Power supply ripple
dB
VBAT = 2.5 V to 5.2 V, END = VBAT, ENB = 0 V
rejection
75
(pass through mode)
END = 0 V, ENB = VBAT
0.5
mA
Operating quiescent
current
END = ENB = VBAT
1.7
2.2
mA
Shutdown quiescent
VBAT = 2.5 V to 5.2 V, END = ENB = GND
0.2
3
μA
current
Gain = 6 dB (connect to GND)
0
0.25
× VBAT
Gain control pin voltage
Gain = 15.5 dB (float)
0.4
× VBAT
0.6
× VBAT
V
Gain = 20 dB (connect to VBAT)
0.75
× VBAT
AGC with no inflection point, R(AGC) = Open
2
AGC option 1 (inflection = 3.55 V), R(AGC) = 39 kΩ (±5%)
1.36
1.75
AGC control pin voltage
V
AGC option 2 (inflection = 3.78 V) , R(AGC) = 27 kΩ (±5%)
0.94
1.2
AGC option 3 (inflection = 3.96 V) , R(AGC) = 18 kΩ (±5%)
0
0.825
AGC control pin output
37.6
40
42.4
μA
current
Input common-mode
IN+, IN
0.6
1.3
V
voltage range
Boost converter followed by Class-D amplifier
6
10
Start-up time
Boost converter only
1
4
ms
Class-D amplifier only
5
6
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPA2015D1


同様の部品番号 - TPA2015D1YZHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHT TI-TPA2015D1YZHT Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

同様の説明 - TPA2015D1YZHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com