データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2015D1YZHR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2015D1YZHR
部品情報  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHR データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2015D1YZHR Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 9Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 10Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 11Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 12Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Gain − dB
0
2
4
6
8
10
12
14
16
18
20
5k
10k
15k
20k
25k
30k
35k
40k
RL = 8 Ω + 33 µH
f − Frequency − Hz
20
100
1k
10k
20k
−100
−80
−60
−40
−20
0
VBAT = 2.5 V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Input Level = 0.2 VPP
Gain = 6 dB
Output Referred
t − Time − s
0
5m
10m
15m
20m
−2
0
2
4
6
ENB and END
VOUT+ − VOUT−
VBAT = 3.6 V
Gain = 6 dB
POUT = 100mW @ 1kHz
RL = 8 Ω + 33 µH
t − Time − s
0
2m
4m
6m
8m
10m
−2
0
2
4
6
ENB and END
VOUT+ − VOUT−
VBAT = 3.6 V
Gain = 6 dB
POUT = 100 mW @ 1kHz
RL = 8 Ω + 33 µH
TPA2015D1
www.ti.com
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
VBAT = 3.6 V, Gain = 6 dB, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, AGC = Float, ENB = END = VBAT, and
Load = 8
Ω + 33 µH unless otherwise specified.
SPACER
Figure 13. SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 14. INPUT IMPEDANCE (PER INPUT) vs GAIN
Figure 15. STARTUP TIMING
Figure 16. SHUTDOWN TIMING
Figure 17. EMC PERFORMANCE
Figure 18. EMC PERFORMANCE
PO = 50 mW with 2 INCH SPEAKER CABLE
PO = 750 mW with 2 INCH SPEAKER CABLE
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA2015D1


同様の部品番号 - TPA2015D1YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

同様の説明 - TPA2015D1YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com