データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS12P4S-M3-87A データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SS12P4S-M3-87A
部品情報  SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS12P4S-M3-87A データシート(HTML) 2 Page - Vishay Siliconix

  SS12P4S-M3-87A Datasheet HTML 1Page - Vishay Siliconix SS12P4S-M3-87A Datasheet HTML 2Page - Vishay Siliconix SS12P4S-M3-87A Datasheet HTML 3Page - Vishay Siliconix SS12P4S-M3-87A Datasheet HTML 4Page - Vishay Siliconix SS12P4S-M3-87A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89127
20
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS12P4S
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended copper pad area. Thermal resistance RJA - junction to ambient.
(2) Mounted on 30 mm x 30 mm Al PCB with 50 mm x 25 mm x 100 mm fin heat sink. Thermal resistance RJM - junction to mount.
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Current Derating Curve
Notes
(1) Mounted on 30 mm x 30 mm Al PCB with 50 mm x 25 mm x
100 mm fin heat sink, TM measured at the terminal of cathode
band
(2) Mounted on 30 mm x 30 mm Al PCB (RJA = 20 °C/W)
(3) Mounted on 30 mm x 30 mm x 2 copper pad areas FR4 PCB
(RJA = 30 °C/W)
(4) Mounted on 25 mm x 25 mm x 2 copper pad areas FR4 PCB
(RJA = 30 °C/W)
(5) Free air, mounted on recommended copper pad area
(RJA = 100 °C/W)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 6 A
TA = 25 °C
VF (1)
0.43
-
V
IF = 12 A
0.50
0.60
IF = 6 A
TA = 125 °C
0.33
-
IF = 12 A
0.43
0.52
Reverse current
VR = 40 V
TA = 25 °C
IR (2)
100
800
μA
TA = 125 °C
50
100
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
750
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance
RJA (1)
100
°C/W
RJM (2)
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS12P4S-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS12P4S-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
10
12
14
8
6
4
2
0
0
25
50
75
125
150
Ambient Temperature (°C)
100
T
M = 100 °C
(1)
T
A = 25 °C
(2)
(5)
T
A = 25 °C
(3)
T
A = 25 °C
(4)


同様の部品番号 - SS12P4S-M3-87A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS12P4S-M3-87A VISHAY-SS12P4S-M3-87A Datasheet
90Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
More results

同様の説明 - SS12P4S-M3-87A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SS15P3S VISHAY-SS15P3S_V01 Datasheet
110Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
V10P45S VISHAY-V10P45S_13 Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
V10P45S-M3 VISHAY-V10P45S-M3_15 Datasheet
81Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 28-Nov-13
SS15P3S-M386A VISHAY-SS15P3S-M386A Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
SS12P4S VISHAY-SS12P4S_15 Datasheet
83Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
SS15P3S VISHAY-SS15P3S_15 Datasheet
88Kb / 6P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 12-Dec-13
SS15P3S VISHAY-SS15P3S Datasheet
92Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 13-May-11
V10P45S VISHAY-V10P45S Datasheet
86Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 19-Apr-11
SS12P4S VISHAY-SS12P4S_15 Datasheet
90Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 17-Jan-14
SS12P4S VISHAY-SS12P4S_V01 Datasheet
104Kb / 5P
   SMD Photovoltaic Solar Cell Protection Schottky Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com