データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDSG3150 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TDSG3150
部品情報  Standard 7-Segment Display 10 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSG3150 データシート(HTML) 2 Page - Vishay Siliconix

  TDSG3150 Datasheet HTML 1Page - Vishay Siliconix TDSG3150 Datasheet HTML 2Page - Vishay Siliconix TDSG3150 Datasheet HTML 3Page - Vishay Siliconix TDSG3150 Datasheet HTML 4Page - Vishay Siliconix TDSG3150 Datasheet HTML 5Page - Vishay Siliconix TDSG3150 Datasheet HTML 6Page - Vishay Siliconix TDSG3150 Datasheet HTML 7Page - Vishay Siliconix TDSG3150 Datasheet HTML 8Page - Vishay Siliconix TDSG3150 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: LED@Vishay.com
Document Number: 83125
2
Rev. 1.6, 23-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TDSG3150, TDSG3160, TDSO3150, TDSO3160, TDSY3150, TDSY3160
Vishay Semiconductors Standard 7-Segment Display 10 mm
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is  0.5, excluding decimal points
and colon.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TDSO3150, TDSO3160, TDSY3150, TDSY3160, TDSG3150, TDSG3160
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage per segment or DP
VR
6V
DC forward current per segment or DP
TDSO3150
IF
20
mA
TDSO3160
20
TDSY3150
20
TDSY3160
20
TDSG3150
20
TDSG3160
20
DC forward current per segment or DP
tp  10 μs (non repetitive)
TDSO3150
IFSM
0.15
A
TDSO3160
0.15
TDSY3150
0.15
TDSY3160
0.15
TDSG3150
0.15
TDSG3160
0.15
Power dissipation
Tamb  45 °C
TDSO3150,
TDSO3160,
TDSY3150,
TDSY3160,
TDSG3150,
TDSG3160
PV
480
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 85
°C
Soldering temperature
t
 3 s,
2 mm below seating plane
Tsd
260
°C
Thermal resistance LED
junction/ambient
RthJA
120
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDSO3150, TDSO3160, ORANGE RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment
(digit average) (1)
IF = 10 mA
TDSO3150
IV
450
4500
-
μcd
TDSO3150-KL
1800
-
5600
TDSO3150-L
2800
-
5600
TDSO3160
450
4500
-
TDSO3160-KL
1800
-
5600
TDSO3160-L
2800
-
5600
Dominant wavelength
IF = 10 mA
TDSO3150,
TDSO3160
d
612
-
625
nm
Peak wavelength
IF = 10 mA
p
-
630
-
nm
Angle of half intensity
IF = 10 mA
-± 50
-
deg
Forward voltage per segment or DP
IF = 20 mA
VF
-2
3
V
Reverse voltage per segment or DP
IR = 10 μA
VR
615
-
V


同様の部品番号 - TDSG3150

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSG3150 VISHAY-TDSG3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150-M VISHAY-TDSG3150-M Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results

同様の説明 - TDSG3150

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3150 VISHAY-TDSG3150_V02 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
TDSG3150-M VISHAY-TDSG3150-M Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0 Datasheet
284Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.2, 29-Nov-13
VDMR10A1 VISHAY-VDMR10A1 Datasheet
232Kb / 8P
   Standard 7-Segment SMD Display 10 mm
Rev. 1.0, 13-May-13
VDMG10A1 VISHAY-VDMG10A1_V01 Datasheet
266Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10A1 VISHAY-VDMR10A1_V02 Datasheet
265Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
VDMG10.0 VISHAY-VDMG10.0_V01 Datasheet
283Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2022
VDMR10.0 VISHAY-VDMR10.0_V02 Datasheet
282Kb / 8P
   Standard 7-Segment SMD Display 10 mm
01-Jan-2023
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com