データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDSY5150 データシート(PDF) 11 Page - Vishay Siliconix

部品番号 TDSY5150
部品情報  Standard 7-Segment Display 13 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY5150 データシート(HTML) 11 Page - Vishay Siliconix

Back Button TDSY5150 Datasheet HTML 4Page - Vishay Siliconix TDSY5150 Datasheet HTML 5Page - Vishay Siliconix TDSY5150 Datasheet HTML 6Page - Vishay Siliconix TDSY5150 Datasheet HTML 7Page - Vishay Siliconix TDSY5150 Datasheet HTML 8Page - Vishay Siliconix TDSY5150 Datasheet HTML 9Page - Vishay Siliconix TDSY5150 Datasheet HTML 10Page - Vishay Siliconix TDSY5150 Datasheet HTML 11Page - Vishay Siliconix TDSY5150 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.vishay.com
2
Document Number 83994
Rev. 1.1, 07-Jul-04
VISHAY
Pin Connections 13 mm
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


同様の部品番号 - TDSY5150

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSY5150 VISHAY-TDSY5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSY5150 VISHAY-TDSY5150 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSY5150(1) VISHAY-TDSY5150(1) Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSY5150/5160 VISHAY-TDSY5150/5160 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
More results

同様の説明 - TDSY5150

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. 1.5, 31-Aug-04
TDSR515 VISHAY-TDSR515_00 Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSG51 VISHAY-TDSG51_V01 Datasheet
170Kb / 12P
   Standard 7-Segment Display 13 mm DESCRIPTION The
01-Jan-2022
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
   Standard 7- Segment Display 7 mm
Rev. 1.4, 31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
   Standard 7-Segment Display 7 mm
Rev. 1.7, 30-Jun-10
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2022
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
   Standard 7-Segment Display 7 mm
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com