データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC337-40 データシート(PDF) 2 Page - Siemens Semiconductor Group

部品番号 BC337-40
部品情報  NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC337-40 データシート(HTML) 2 Page - Siemens Semiconductor Group

  BC337-40 Datasheet HTML 1Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 2Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 3Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 4Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 5Page - Siemens Semiconductor Group BC337-40 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BC 337
BC 338
Maximum Ratings
Parameter
Symbol
BC 337
Unit
Collector-emitter voltage
VCE0
45
V
Collector-base voltage
VCB0
50
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
mA
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
200
K/W
Peak collector current
ICM
A
Junction - case1)
Rth JC
135
Peak base current
IBM
BC 338
25
30
5
800
100
625
150
1
200
Values
1)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.


同様の部品番号 - BC337-40

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC337-40 MOTOROLA-BC337-40 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Taiwan Semiconductor Co...
BC337-40 TSC-BC337-40 Datasheet
275Kb / 5P
   NPN Transistor
logo
NXP Semiconductors
BC337-40 PHILIPS-BC337-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Micro Commercial Compon...
BC337-40 MCC-BC337-40 Datasheet
375Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC337-40 DIOTEC-BC337-40 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

同様の説明 - BC337-40

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_07 Datasheet
71Kb / 6P
   NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
2007-04-19
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com