データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP51-16 データシート(PDF) 3 Page - Siemens Semiconductor Group

部品番号 BCP51-16
部品情報  PNP Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP51-16 データシート(HTML) 3 Page - Siemens Semiconductor Group

  BCP51-16 Datasheet HTML 1Page - Siemens Semiconductor Group BCP51-16 Datasheet HTML 2Page - Siemens Semiconductor Group BCP51-16 Datasheet HTML 3Page - Siemens Semiconductor Group BCP51-16 Datasheet HTML 4Page - Siemens Semiconductor Group BCP51-16 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
BCP 51
... BCP 53
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCP 51/BCP 52/BCP 53
BCP 51/BCP 52/BCP 53-10
BCP 51/BCP 52/BCP 53-16
IC = 500 mA, VCE = 2 V
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BCP 51
BCP 52
BCP 53
V(BR)CE0
45
60
80
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA, IB = 0
BCP 51
BCP 52
BCP 53
V(BR)CB0
45
60
100
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
0.5
hFE
25
40
63
100
25
100
160
250
160
250
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
µA
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEB0
––10
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
125
AC characteristics
1)
Pulse test conditions: t
300 µs, D = 2 %.


同様の部品番号 - BCP51-16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP51-16 PHILIPS-BCP51-16 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP51-16 INFINEON-BCP51-16 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
BCP51-16 INFINEON-BCP51-16 Datasheet
498Kb / 6P
   PNP Silicon AF Transistors
2008-10-10
logo
SeCoS Halbleitertechnol...
BCP51-16 SECOS-BCP51-16 Datasheet
189Kb / 2P
   -1A , -45V PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
BCP51-16 MCC-BCP51-16 Datasheet
455Kb / 5P
   PNP Plastic-Encapsulate Transistors
More results

同様の説明 - BCP51-16

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com