データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP52-16 データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 BCP52-16
部品情報  PNP Silicon AF Transistors (For AF driver and output stages High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP52-16 データシート(HTML) 5 Page - Siemens Semiconductor Group

  BCP52-16 Datasheet HTML 1Page - Siemens Semiconductor Group BCP52-16 Datasheet HTML 2Page - Siemens Semiconductor Group BCP52-16 Datasheet HTML 3Page - Siemens Semiconductor Group BCP52-16 Datasheet HTML 4Page - Siemens Semiconductor Group BCP52-16 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BCP 51
... BCP 53
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10
Permissible pulse load Ptot max/Ptot DC = f (
tp)


同様の部品番号 - BCP52-16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP52-16 PHILIPS-BCP52-16 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP52-16 INFINEON-BCP52-16 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
STMicroelectronics
BCP52-16 STMICROELECTRONICS-BCP52-16 Datasheet
48Kb / 4P
   LOW POWER PNP TRANSISTOR
logo
Infineon Technologies A...
BCP52-16 INFINEON-BCP52-16 Datasheet
498Kb / 6P
   PNP Silicon AF Transistors
2008-10-10
logo
NXP Semiconductors
BCP52-16 NXP-BCP52-16 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
More results

同様の説明 - BCP52-16

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
   NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com