データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP70M データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BCP70M
部品情報  PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP70M データシート(HTML) 1 Page - Siemens Semiconductor Group

  BCP70M Datasheet HTML 1Page - Siemens Semiconductor Group BCP70M Datasheet HTML 2Page - Siemens Semiconductor Group BCP70M Datasheet HTML 3Page - Siemens Semiconductor Group BCP70M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP 70M
Semiconductor Group
Jun-05-1998
1
PNP Silicon AF Power Transistor
Preliminary data
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
VPW05980
1
2
3
5
4
Type
Marking Ordering Code Pin Configuration
Package
BCP 70M
PBs
Q62702-C2596
1 = E
2 = C 3 = E
SCT-595
4 = B 5 = C
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
32
V
Collector-base voltage
VCBO
32
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
6
Base current
200
mA
IB
Peak base current
IBM
500
Total power dissipation,
TS ≤ 94 °C
Ptot
1.7
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65...+150
Thermal Resistance
Junction ambient 1)
RthJA
≤ 88
K/W
Junction - soldering point
RthJS
≤ 33
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Semiconductor Group
1
1998-11-01


同様の部品番号 - BCP70M

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCP71 SIEMENS-BCP71 Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
   PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
logo
List of Unclassifed Man...
BCP75W ETC-BCP75W Datasheet
395Kb / 12P
   5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
More results

同様の説明 - BCP70M

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
   PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
   PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP72M SIEMENS-BCP72M Datasheet
30Kb / 4P
   PNP Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
BCP71M SIEMENS-BCP71M Datasheet
30Kb / 4P
   NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com