データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1265RQTBLK データシート(PDF) 1 Page - E-SWITCH

部品番号 TL1265RQTBLK
部品情報  TL1265 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1265RQTBLK データシート(HTML) 1 Page - E-SWITCH

  TL1265RQTBLK Datasheet HTML 1Page - E-SWITCH TL1265RQTBLK Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
RoHS
TL1265 SERIES
FEATURES & BENEFITS
APPLICATIONS / MARKETS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Medical Equipment
Telecommunication
1
TL
1265
BLK - Black
GRN - Green
RED - Red
GRY - Gray
YEL - Yellow
CLR - Clear
*
*
*
*
**
A -
None
B -
Blue
R -
Red
G -
Green
Y -
Yellow
W -
White
Q -
Silver
R -
8mm Diameter, Round Flat
S -
5mm Diameter, Round
T -
4.7mm Diameter, Round
N -
No Cap
Series
Model
Cap Color
LED Option
Contact Material
Cap Option
Electrical Rating:
50mA 12VDC
Life Expectancy:
500,000 Cycles
Contact Resistance:
100mΩ Max.
Insulation Resistance:
100MΩ Min. at 500VDC
Dielectric Strength:
500VDC for 1 Minute
Operating Temperature:
-20°C to 70°C
Operating Force:
160gf ± 50gf
Travel:
0.20mm ± 0.10mm
Function:
SPST, Off-(On), Momentary
Specifications subject to change without notice
SPECIFICATIONS
PART NUMBER CONFIGURATOR
• 500,000 cycle life expectancy
• Multiple cap options
• Illumination options
* Available in “R” cap option only
** “CLR” cap not available in “R” cap option


同様の部品番号 - TL1265RQTBLK

メーカー部品番号データシート部品情報
logo
TiMOTION Technology Co....
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
   Max. load 800N (push)
20211229-G
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
   120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
   120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
   120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
   120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
More results

同様の説明 - TL1265RQTBLK

メーカー部品番号データシート部品情報
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com