データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL267450AIHZ-T データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL267450AIHZ-T
部品情報  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450AIHZ-T データシート(HTML) 3 Page - Intersil Corporation

  ISL267450AIHZ-T Datasheet HTML 1Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 2Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 3Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 4Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 5Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 6Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267450AIHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ISL267440, ISL267450A
3
FN7708.0
December 5, 2011
Ordering Information
PART NUMBER
(Note 4)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL267440IUZ (Note 3)
67440
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
ISL267440IUZ-T (Notes 1, 3)
67440
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
ISL267440IUZ-T7A (Notes 1, 3)
67440
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
ISL267450AIUZ (Note 3)
7450A
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
ISL267450AIUZ -T (Notes 1, 3)
7450A
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
ISL267450AIUZ -T7A (Notes 1, 3)
7450A
2.7 to 5.25
-40°C to +85°C
8 Ld MSOP
M8.118
Coming Soon
ISL267440IHZ-T (Notes 1, 2)
7440
2.7 to 5.25
-40°C to +85°C
8 Ld SOT-23
P8.064
Coming Soon
ISL267440IHZ-T7A (Notes 1, 2)
7440
2.7 to 5.25
-40°C to +85°C
8 Ld SOT-23
P8.064
Coming Soon
ISL267450AIHZ-T (Notes 1, 2)
450A
2.7 to 5.25
-40°C to +85°C
8 Ld SOT-23
P8.064
Coming Soon
ISL267450AIHZ-T7A (Notes 1, 2)
450A
2.7 to 5.25
-40°C to +85°C
8 Ld SOT-23
P8.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
-e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL267440 or ISL267450A. For more information on MSL please see
techbrief TB363.


同様の部品番号 - ISL267450AIHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267450AIHZ-T INTERSIL-ISL267450AIHZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267450AIHZ-T RENESAS-ISL267450AIHZ-T Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450AIHZ-T7A INTERSIL-ISL267450AIHZ-T7A Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267450AIHZ-T7A RENESAS-ISL267450AIHZ-T7A Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

同様の説明 - ISL267450AIHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com