データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1012 データシート(PDF) 3 Page - Siemens Semiconductor Group

部品番号 BF1012
部品情報  Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF1012 データシート(HTML) 3 Page - Siemens Semiconductor Group

  BF1012 Datasheet HTML 1Page - Siemens Semiconductor Group BF1012 Datasheet HTML 2Page - Siemens Semiconductor Group BF1012 Datasheet HTML 3Page - Siemens Semiconductor Group BF1012 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF 1012
Semiconductor Group
3
Sep-09-1998
Total power dissipation
Ptot = f (TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
mW
300
Drain current
ID = f (VG2S)
0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
0
1
2
3
4
5
6
7
8
9
mA
11
Forward transfer admittance
|
Y21 | = f (VG2S)
0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
0
2
4
6
8
10
12
14
16
18
20
mS
24
Insertion power gain
|
S21 | 2 = f (VG2S)
0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
dB
10
Semiconductor Group
3
1998-11-01


同様の部品番号 - BF1012

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF1012S SIEMENS-BF1012S Datasheet
43Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
More results

同様の説明 - BF1012

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1012S SIEMENS-BF1012S Datasheet
43Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1005 SIEMENS-BF1005 Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040W SIEMENS-BF2040W Datasheet
31Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
   Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
   SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com