データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3809CXD データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS3809CXD
部品情報  Microprocessor Reset Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3809CXD データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3809CXD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3809CXD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS3809/3810 Series
Microprocessor Reset Circuit
4/7
Version: D11
Application Information
Negative-Going VCC transients in addition to issuing a reset to the µP during power-up, power-down, and
brownout conditions, the TS3809/3810 are relatively immune to short-duration negative-going Vcc transients
(glitches).
The TS3809/3810 do not generate a reset pulse. The graph was generated using a negative going pulse applied to
Vcc, starting 0.5V above the actual reset threshold and ending below it by the magnitude indicated (reset
comparator overdrive). The graph indicates the maximum pulse width a negative going Vcc transient can have
without causing a reset pulse. As the magnitude of the transient increases (goes farther below the reset threshold),
the maximum allowable pulse width decreases. Typically, a Vcc transient that goes 100mV below the reset
threshold and lasts 20µS or less will not cause a reset pulse. A 0.1µF bypass capacitor mounted as close as
possible to the Vcc pin provides additional transient immunity.
Function Description
A microprocessor’s (µP’s) reset input starts the µP In a know state. The TS3809/3810 assert reset to prevent code-
execution errors during power-up, power-down, or brownout conditions. They assert a reset signal whenever the
Vcc supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after Vcc has risen
above the reset threshold. The TS3809/3810 have a push-pull output stage.
Ensuring a Valid Reset Output Down to Vcc=0
RESET is guaranteed to be a logic low for VCC > 1.0V. Once VCC exceeds the reset threshold, an internal timer
keeps RESET low for the reset timeout period; after this interval, RESET goes high. If a brownout condition occurs
(VCC dips below the reset threshold), RESET goes low. Any time VCC goes below the reset threshold, the internal
timer resets to zero, and RESET goes low. The internal timer starts after VCC returns above the reset threshold,
and RESET remains low for the reset timeout period. When Vcc falls below 1V, the TS3809/3810 reset output no
longer sinks current - it becomes an open circuit. Therefore, high impedance CMOS logic input connected to reset
can drift to undetermined voltages. This present no problem in most applications since most µP and other circuitry
is inoperative with Vcc below 1V.However, in applications where reset must be valid down to 0V, adding a pull
down resistor to reset causes and stray leakage currents to flow to ground, holding reset low (Figure 2.) R1’s value
is not critical; 100K is large enough not to load reset and small enough to pull RESET to ground. For the
TS3809/3810 if reset is required to remain valid for Vcc<1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between 5% and 10% below the value of nominal supply
voltages. This ensures a reset will not occur within 5% of the nominal supply, but will occur when the supply is 10%
below nominal. When using ICs rated at only the nominal supply ±5%, this leaves a zone of uncertainty where the
supply is between 5% and 10% low, and where the reset many or may not be asserted
Timming Diagram


同様の部品番号 - TS3809CXD

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3809CXDRFG TSC-TS3809CXDRFG Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
More results

同様の説明 - TS3809CXD

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com