データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC78T08CT データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC78T08CT
部品情報  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78T08CT データシート(HTML) 1 Page - Motorola, Inc

  MC78T08CT Datasheet HTML 1Page - Motorola, Inc MC78T08CT Datasheet HTML 2Page - Motorola, Inc MC78T08CT Datasheet HTML 3Page - Motorola, Inc MC78T08CT Datasheet HTML 4Page - Motorola, Inc MC78T08CT Datasheet HTML 5Page - Motorola, Inc MC78T08CT Datasheet HTML 6Page - Motorola, Inc MC78T08CT Datasheet HTML 7Page - Motorola, Inc MC78T08CT Datasheet HTML 8Page - Motorola, Inc MC78T08CT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC78T00
Series
THREE–AMPERE
POSITIVE FIXED
VOLTAGE REGULATORS
ORDERING INFORMATION
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MC78T05
MC78T08
5.0 V
8.0 V
MC78T12
MC78T15
12 V
15 V
Order this document by MC78T00/D
T SUFFIX
PLASTIC PACKAGE
CASE 221A
3
1
2
Pin 1. Input
2. Ground
3. Output
Heatsink surface is connected to Pin 2.
MC78TXXCT
MC78TXXBT#
MC78TXXACT
Package
Device
Operating
Temperature
Range
MC78TXXABT#
XX Indicates nominal voltage.
* 2% regulators available in 5, 12 and 15 V devices.
# Automotive temperature range selections are avail-
able with special test conditions and additional
tests. Contact your local Motorola sales office for
information.
VO
Tol.
4%
2%*
4%
2%*
TJ = 0° to
+125
°C
TJ = – 40° to
+125
°C
Plastic
Power
Plastic
Power
SEMICONDUCTOR
TECHNICAL DATA
1
MOTOROLA ANALOG IC DEVICE DATA
Three-Ampere Positive
Voltage Regulators
This family of fixed voltage regulators are monolithic integrated circuits
capable of driving loads in excess of 3.0 A. These three–terminal regulators
employ internal current limiting, thermal shutdown, and safe–area
compensation. Devices are available with improved specifications, including
a 2% output voltage tolerance, on AC–suffix 5.0, 12 and 15 V device types.
Although designed primarily as a fixed voltage regulator, these devices
can be used with external components to obtain adjustable voltages and
currents. This series of devices can be used with a series–pass transistor to
supply up to 15 A at the nominal output voltage.
Output Current in Excess of 3.0 A
Power Dissipation: 25 W
No External Components Required
Output Voltage Offered in 2% and 4% Tolerance*
Thermal Regulation is Specified
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe–Area Compensation
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (5.0 V – 12 V)
Input Voltage (15 V)
VI
35
40
Vdc
Power Dissipation and Thermal Characteristics
Plastic Package (Note 1)
TA = +25°C
Thermal Resistance, Junction–to–Air
TC = +25°C
Thermal Resistance, Junction–to–Case
PD
R
θJA
PD
R
θJC
Internally Limited
65
Internally Limited
2.5
°C/W
°C/W
Storage Junction Temperature
Tstg
+150
°C
Operating Junction Temperature Range
(MC78T00C, AC)
TJ
0 to +125
°C
NOTES: 1. Although power dissipation is internally limited, specifications apply only
for PO ≤ Pmax, Pmax = 25 W.
Simplified Application
Input
Output
Cin*
0.33
µFCO**
MC78TXX
A common ground is required between the input and the output voltages. The input voltage must
remain typically 2.2 V above the output voltage even during the low point on the input ripple voltage.
XX these two digits of the type number indicate voltage.
** Cin is required if regulator is located an appreciable distance from power supply filter.
** (See Applications Information for details.)
** CO is not needed for stability; however, it does improve transient response.
© Motorola, Inc. 1996
Rev 1


同様の部品番号 - MC78T08CT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78T08CT ONSEMI-MC78T08CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T08CT ONSEMI-MC78T08CT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

同様の説明 - MC78T08CT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com