データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1M データシート(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

部品番号 ES1M
部品情報  1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
ホームページ  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

ES1M データシート(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  ES1M Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ES1M Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ES1M Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES1A thru ES1M
Figure 5
New SMA Assembly
Round Lead
Process
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
3


同様の部品番号 - ES1M

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ES1M MCC-ES1M Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
GOOD-ARK Electronics
ES1M GOOD-ARK-ES1M Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Silicon Standard Corp.
ES1M SSC-ES1M Datasheet
266Kb / 3P
   SUPER FAST SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
ES1M MCC-ES1M Datasheet
305Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
ES1M WINNERJOIN-ES1M Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
More results

同様の説明 - ES1M

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR105 PFS-MUR105 Datasheet
215Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1A MCC-FS1A_11 Datasheet
234Kb / 4P
   1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com