データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V19EE904NLGI データシート(PDF) 11 Page - Integrated Device Technology

部品番号 5V19EE904NLGI
部品情報  EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V19EE904NLGI データシート(HTML) 11 Page - Integrated Device Technology

Back Button 5V19EE904NLGI Datasheet HTML 7Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 8Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 9Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 10Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 11Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 12Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 13Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 14Page - Integrated Device Technology 5V19EE904NLGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
IDT5V19EE904
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
11
IDT5V19EE904
REV G 022310
PLL Loop Bandwidth:
Charge pump gain (K
φ⎞) = Ip / 2π
VCO gain (KVCO) = 900 MHz/V * 2
π
M = Total multiplier value (See the Reference Divider,
Feedback Divider and Output Divider section for more
detail)
ωc = (Rz * Kφ * KVCO * Cz)/(M * (Cz + Cp))
Fc =
ωc / 2π
Note, the phase/frequency detector frequency (FPFD) is
typically seven times the PLL closed-loop bandwidth (Fc)
but too high of a ratio will reduce the phase margin thus
compromising loop stability.
To determine if the loop is stable, the phase margin (
φm)
needs to be calculated as follows.
Phase Margin:
ωz = 1 / (Rz * Cz)
ωp = (Cz + Cp)/(Rz * Cz * Cp)
φm = (360 / 2π) * [tan-1(ωc/ ωz) - tan-1(ωc/ ωp)]
To ensure stability in the loop, the phase margin is
recommended to be > 60° but too high will result in the lock
time being excessively long. Certain loop filter parameters
would need to be compromised to not only meet a required
loop bandwidth but to also maintain loop stability.


同様の部品番号 - 5V19EE904NLGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V19EE904NLGI RENESAS-5V19EE904NLGI Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
5V19EE904NLGI8 RENESAS-5V19EE904NLGI8 Datasheet
489Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results

同様の説明 - 5V19EE904NLGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE404 RENESAS-IDT5V19EE404 Datasheet
478Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
logo
Integrated Device Techn...
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE604 RENESAS-IDT5V19EE604 Datasheet
495Kb / 30P
   EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com