データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V925BQGI8 データシート(PDF) 7 Page - Integrated Device Technology

部品番号 5V925BQGI8
部品情報  Programmable LVCMOS/LVTTL Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V925BQGI8 データシート(HTML) 7 Page - Integrated Device Technology

Back Button 5V925BQGI8 Datasheet HTML 3Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 4Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 5Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 6Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 7Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 8Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 9Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 10Page - Integrated Device Technology 5V925BQGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IDT5V925BQGI REVISION B JANUARY 21, 2011
7
©2011 Integrated Device Technology, Inc.
IDT5V925BI Data Sheet
PROGRAMMABLE LVCMOS/LVTTL CLOCK GENERATOR
Parameter Measurement Information
LVCMOS Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Propagation Delay
Output Skew
Input and Output Test Waveforms
SCOPE
Qx
LVCMOS
GND
VDD,
VDDQ
VDD,
VDDQ
1.65V ± 0.15V
-1.65V ± 0.15V
V
DD
2
V
DD
2
V
DD
2
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
Q/N,
Q[2:0]
t
PD
V
DD
2
V
DD
2
Q/N,
Q[2:0]
CLKIN
tsk(b)
V
DD
2
V
DD
2
Qx
Qy
2V
VTH = V CC /2
0V
1ns
3V
1ns
2V
VTH = V CC /2
0V
t R
tF
VCC
0.8
0.8
VDD
VDD/2
VDD/2


同様の部品番号 - 5V925BQGI8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
5V9885TNLGI IDT-5V9885TNLGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TNLGI8 IDT-5V9885TNLGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI IDT-5V9885TPFGI Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
5V9885TPFGI8 IDT-5V9885TPFGI8 Datasheet
543Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results

同様の説明 - 5V925BQGI8

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
   Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
   LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
logo
Integrated Device Techn...
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
   FemtoClock LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
   FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
   LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Device Techn...
87021I IDT-87021I Datasheet
233Kb / 14P
   Differential-to-LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
840001I-25 RENESAS-840001I-25 Datasheet
462Kb / 14P
   FemtoClock® LVCMOS/LVTTL Clock Generator
January 15, 2016
logo
Integrated Device Techn...
87016 IDT-87016 Datasheet
271Kb / 17P
   Low Skew LVCMOS/LVTTL Clock Generator
logo
Integrated Circuit Syst...
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com