データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V9885TNLGI8 データシート(PDF) 10 Page - Integrated Device Technology

部品番号 5V9885TNLGI8
部品情報  3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V9885TNLGI8 データシート(HTML) 10 Page - Integrated Device Technology

Back Button 5V9885TNLGI8 Datasheet HTML 6Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 7Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 8Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 9Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 10Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 11Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 12Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 13Page - Integrated Device Technology 5V9885TNLGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
INDUSTRIALTEMPERATURERANGE
IDT5V9885T
3.3V EEPROMPROGRAMMABLECLOCKGENERATOR
Example
FIN = 25MHz, FOUT = 100MHz, Fssc = 33KHz with center spread of ±2%. Find the necessary spread spectrum register settings.
Since the spread is center, the SS_OFFSET can be set to '0'. Solve for the nominal M value; keep in mind that the nominal M should be chosen to maximize
the VCO. Start with D = 1, using Eq.10 and Eq.11.
MNOM = 1200MHz / 25MHz = 48
Using Eq.4, we arbitrarily choose N = 22, A = 3. Now that we have the nominal M value, we can determine TSSC and NSSC by using Eq.12.
Nssc * Tssc = 25MHz / (33KHz * 4) = 190
However, using Eq. 7 and Eq.8, we find that the closest value is when TSSC = 14 and NSSC = 6. Keep in mind to maximize the number of samples used
to enhance the profile of the spread spectrum waveform.
Tssc = 14 + 2 = 16
Nssc = 6 * 2 = 12
Nssc * Tssc = 192
Use Eq.14 to determine the value of the sigma-delta-encoded samples.
±2% = Σ∆ * 100
64 * 48
Σ∆ = 61.44
Either round up or down to the nearest integer value. Therefore, we end up with 61 or 62 for sigma-delta-encoded samples. Since the sigma-delta-encoded
samples must not exceed 63 with SS_OFFSET set to '0', 61 or 62 is well within the limits. It is the discretion of the user to define the shape of the profile that
is better suited for the intended application.
Using Eq.14 again, the actual spread for the sigma-delta-encoded samples of 61 and 62 are ±1.99% and ±2.02%, respectively.
Use Eq.10 to determine if the X2 bit needs to be set;
Amplitude = 48 * (1.99 or 2.02) / 100 = 0.48 < 1
2
Therefore, the X2 = '0 '. The dither bit is left to the discretion of the user.
The example above was of a center spread using spread spectrum. For down spread, the nominal M value can be set one integer value lower to 43.
Note that the 5V9885T should not be programmed with TSSC > '0', SS_OFFSET = '0', and SD = '0' in order to prevent an unstable state in the modulator.
ThePLLloopbandwidthmustbeatleast10xthemodulationfrequencyalongwithhigherdamping(larger ωuz)topreventthespreadspectrumfrombeingfiltered
and reduce extraneous noise. Refer to the LOOP FILTER section for more detail on ωuz. The A[3:0] must be used for spread spectrum, even if the total multiplier
value is an even integer.
FRACTIONAL DIVIDER
There is the option for the feedback-divider to be programmed as a fractional divider for only PLL0 and PLL. By setting TSSC > '0' and SD bits to '0', the
SS_OFFSET bits would determine the fractional divide value. See the SPREAD SPECTRUM GENERATION section for more details on the TSSC, SD, and
SS_OFFSET bits. The following equation governs how the fractional divide value is set.
M = 2*N[11:0] + A[3:0] + 1 + SS_OFFSET[5:0] *1/64


同様の部品番号 - 5V9885TNLGI8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
5V925BQGI IDT-5V925BQGI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQGI8 IDT-5V925BQGI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI IDT-5V925BQI Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
5V925BQI8 IDT-5V925BQI8 Datasheet
835Kb / 18P
   Programmable LVCMOS/LVTTL Clock Generator
More results

同様の説明 - 5V9885TNLGI8

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885B IDT-IDT5V9885B Datasheet
333Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V9885T RENESAS-IDT5V9885T Datasheet
750Kb / 40P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
SEPT. 2011
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com