データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT38072DGGI データシート(PDF) 4 Page - Integrated Device Technology

部品番号 74FCT38072DGGI
部品情報  3.3V CMOS 1-TO-2 CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT38072DGGI データシート(HTML) 4 Page - Integrated Device Technology

  74FCT38072DGGI Datasheet HTML 1Page - Integrated Device Technology 74FCT38072DGGI Datasheet HTML 2Page - Integrated Device Technology 74FCT38072DGGI Datasheet HTML 3Page - Integrated Device Technology 74FCT38072DGGI Datasheet HTML 4Page - Integrated Device Technology 74FCT38072DGGI Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT38072
3.3V CMOS 1-TO-2 CLOCK DRIVER
tPLH1
OUTPUT 1
OUTPUT 2
tSK(o)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
INPUT
tPHL1
tPHL2
tSK(o)
tSK(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
3V
0V
VOH
tPLH
tPHL
VOL
1.5V
1.5V
tR
tF
2.0V
0.8V
INPUT
OUTPUT
INPUT
tPLH1
PACKAGE 1 OUTPUT
PACKAGE 2 OUTPUT
tSK(PP)
tPLH2
3V
0V
VOH
1.5V
1.5V
VOL
VOH
1.5V
VOL
tPHL1
tPHL2
tSK(PP)
tSK(PP) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
tPLH
tPHL
3V
0V
VOH
1.5V
1.5V
VOL
tSK(p) = |tPHL - tPLH|
INPUT
OUTPUT
TEST WAVEFORMS
Pulse Skew - tSK(P)
Part-to-Part Skew - tSK(PP)
Output Skew - tSK(O)
Propagation Delay
TEST CIRCUITS
15pF
CL
D.U.T.
Pulse
Generator
VIN
VCC
RT
VOUT
RL
CL = 15pF Circuit
TEST CONDITIONS
Symbol
VCC = 3.3V ±0.3V
Unit
CL
15
pF
RL
33
RT
ZOUTofpulsegenerator
tR / tF
1 (0V to 3V or 3V to 0V)
ns
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tR / tF = Rise/Fall time of the input stimulus from the Pulse Generator.
Part-to-Part Skew is for the same package and speed grade.


同様の部品番号 - 74FCT38072DGGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
More results

同様の説明 - 74FCT38072DGGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT74FCT38072 RENESAS-IDT74FCT38072 Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com