データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT807BTQGBLANK データシート(PDF) 1 Page - Integrated Device Technology

部品番号 74FCT807BTQGBLANK
部品情報  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807BTQGBLANK データシート(HTML) 1 Page - Integrated Device Technology

  74FCT807BTQGBLANK Datasheet HTML 1Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 2Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 3Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 4Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 5Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 6Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 7Page - Integrated Device Technology 74FCT807BTQGBLANK Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
MAY 2010
2006
Integrated Device Technology, Inc.
DSC-4242/4
c
IDT74FCT807BT/CT
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS
1-TO-10 CLOCK DRIVER
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 250ps (max.)
• Very low duty cycle distortion < 350ps (max.)
• High speed: propagation delay < 2.5ns (max.)
• 100MHz operation
• TTL compatible inputs and outputs
• TTL level output voltage swings
• 1:10 fanout
• Output rise and fall time < 1.5ns (max)
• Low input capacitance: 4.5pF typical
• High drive: -32mA IOH, +48mA IOL
• Available in QSOP, SSOP, and SOIC packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The FCT807T clock driver is built using advanced dual metal CMOS
technology. This low skew clock driver features 1:10 fanout, providing
minimal loading on the preceding drivers. The FCT807T offers low
capacitance inputs with hysteresis for improved noise margins. TTL level
outputs and multiple power and grounds reduce noise. The device also
features -32/48mA drive capability for driving low impedance traces.
IN
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
PIN CONFIGURATION
QSOP/ SOIC/ SSOP
TOP VIEW
GND
VCC
GND
VCC
GND
GND
VCC
GND
O5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
IN
O1
O2
O3
O4
O10
O9
O8
O7
O6


同様の部品番号 - 74FCT807BTQGBLANK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT807BTQG RENESAS-74FCT807BTQG Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
74FCT807BTQGI RENESAS-74FCT807BTQGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

同様の説明 - 74FCT807BTQGBLANK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com