データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3893 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 1N3893
部品情報  Fast Recovery Diodes (Stud Version), 6/12/16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3893 データシート(HTML) 1 Page - Vishay Siliconix

  1N3893 Datasheet HTML 1Page - Vishay Siliconix 1N3893 Datasheet HTML 2Page - Vishay Siliconix 1N3893 Datasheet HTML 3Page - Vishay Siliconix 1N3893 Datasheet HTML 4Page - Vishay Siliconix 1N3893 Datasheet HTML 5Page - Vishay Siliconix 1N3893 Datasheet HTML 6Page - Vishay Siliconix 1N3893 Datasheet HTML 7Page - Vishay Siliconix 1N3893 Datasheet HTML 8Page - Vishay Siliconix 1N3893 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Document Number: 93138
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 26-Sep-08
1
Fast Recovery Diodes
(Stud Version), 6/12/16 A
1N3879(R), 1N3889(R), 6/12/16FL(R) Series
Vishay High Power Products
FEATURES
• Short reverse recovery time
• Low stored charge
• Wide current range
• Excellent surge capabilities
• Standard JEDEC types
• Stud cathode and stud anode versions
• Fully characterized reverse recovery conditions
• RoHS compliant
TYPICAL APPLICATIONS
• DC power supplies
•Inverters
• Converters
• Choppers
• Ultrasonic systems
• Freewheeling diodes
Note
(1) JEDEC registered values
PRODUCT SUMMARY
IF(AV)
6/12/16 A
DO-203AA (DO-4)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
1N3879. TO
1N3883.
1N3889. TO
1N3893.
6FL..
12FL..
16FL..
UNITS
IF(AV)
TC = 100 °C
6 (1)
12 (1)
612
16
A
IF(RMS)
9.5199.5
19
25
A
IFSM
50 Hz
72
145
110
145
180
A
60 Hz
75 (1)
150 (1)
115
150
190
I2t
50 Hz
26
103
60
103
160
A2s
60 Hz
23
94
55
94
150
I2
√t
363
856
1452
1452
2290
I2
√s
VRRM
Range
50 to 400 (1)
50 to 1000
V
trr
See Recovery Characteristics table
ns
TJ
Range
- 65 to 150
°C


同様の部品番号 - 1N3893

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N3893 MICROSEMI-1N3893 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3893 GENESIC-1N3893 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3893 IRF-1N3893 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3893 VISHAY-1N3893 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
1N3893 VISHAY-1N3893 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

同様の説明 - 1N3893

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com