データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQP10N60 データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd

部品番号 FQP10N60
部品情報  600V N-Channel MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TGS [Tiger Electronic Co.,Ltd]
ホームページ  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FQP10N60 データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd

  FQP10N60 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
600
V
Drain Current - Continuous
ID
9.5
A
Drain Current - Pulsed
IDM
38
A
Gate-Source Voltage
VGSS
±30
V
Power Dissipation
PD
156
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
FQP10N60
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID =250μA
600
V
Zero Gate Voltage Drain Current
IDSS
VDS =600V, VGS =0V
1.0
uA
Gate-Body Leakage Current, Forward
IGSSF
VGS =30V, VDS =0V
100
nA
Gate-Body Leakage Current, Reverse
IGSSR
VGS = -30V, VDS =0V
-100
nA
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID =250μA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(on) VGS = 10 V, ID = 4.75 A
0.6
0.73
W
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 9.5 A
1.4
V
600V N-Channel MOSFET
Product specification
These N-Channel enhancement mode power field effect transistors are produced using Fairchild
s
proprietary,planar, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency switch mode power supplies.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


同様の部品番号 - FQP10N60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
835Kb / 10P
   600V N-Channel MOSFET
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
1,020Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP10N60C KERSEMI-FQP10N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP10N60C FAIRCHILD-FQP10N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP10N60C ISC-FQP10N60C Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

同様の説明 - FQP10N60

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com