データシートサーチシステム |
|
LM1084-33 データシート(PDF) 1 Page - Tiger Electronic Co.,Ltd |
|
LM1084-33 データシート(HTML) 1 Page - Tiger Electronic Co.,Ltd |
|
1 / 1 page LM1084-XX Features PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Reference Voltage LM1084 (ADJ) 1.225 1.25 1.275 Output Voltage LM1084-15, V IN=4.5V 1.470 1.50 1.530 V LM1084-18, V IN=4.8V 1.764 1.80 1.836 LM1084-25, V IN=5.5V 2.450 2.50 2.55 LM1084-33, V IN=6.3V 3.235 3.30 3.365 LM1084-50, V IN=7.0V 4.90 5.00 5.10 Line Regulation ADJ : 2.65V ≤ V IN ≤7V - 0.015 0.2 % V OUT=1.25V Fix : V OUT+1.4V≤ VIN ≤7V Load Regulation 10mA < I O < 5A 0.6 % Dropout Voltage ΔV OUT, ΔVREF=1% 1.3 1.4 V 10mA ≤ I O ≤ 5A Current Limit 5.0 6.0 A GND Current (Fix) 2.65V ≤ V IN ≤ 7V 2.0 10 mA Adjusted Pin Current 2.65V ≤ V IN ≤ 7V 55 120 uA Adjusted Pin Current Change ( ΔIADJ) 2.65V ≤ V IN ≤ 7V 0.2 5.0 uA Temperature Stability I O=0.5A 0.5 % Minimum Load Current 5.0 10 mA RMS Output Noise (% of V OUT) 0.003 % Ripple Rejection Ratio 120Hz input ripple C OUT=25μF (V IN -VOUT)=3V 60 72 dB 5A LOW DROPOUT POSITIVE REGULATOR 1. Dropout Voltage 1.3V at 5A Output Current. 2. Fast Transient Response. 3. Extremely Tight Line and Load Regulation. 4. Current Limiting and Thermal Protection. 5. Adjustable Output Voltage or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V. 6. Standard 3-Pin Power Packages. Product specification Electrical Characteristics ( Ta = 25 C) O DESCRIPTION The LM1084 is a low dropout three terminal regulator with 5A output current capability. The output voltage is adjustable with the use of a resistor divider or fixed 1.5V, 1.8V, 2.5V, 3.3V and 5.0V. Dropout voltage is guaranteed to be at maximum of 1.4V with the maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications. Current limit and thermal protection provide protection against any overload condition that would create excessive junction temperatures. Note: ° °° Specifications are production tested at TA=25 C. Specifications over the -40 C to 85 C operating temperature range are assured by design, characterization and correlation with Statistical Quality Controls (SQC). ° (VIN=5V, TJ=25 C, IO=10mA, unless otherwise specified) (Note1) TO-220 1. Adj(COM) 2. Output 3. Input TO-263 TO-252 TO-263-2L TIGER ELECTRONIC CO.,LTD LM1084T-XXV *TO-220 LM1084SX3-XXV *TO-263 LM1084SX2-XXV *TO-263-2L LM1084J-XXV *TO-252 LM1084-XX |
同様の部品番号 - LM1084-33 |
|
同様の説明 - LM1084-33 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |